Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2126UA/2K5 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA2126UA/2K5
Description  INAx126 MicroPower Instrumentation Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2126UA/2K5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA2126UA/2K5 Datasheet HTML 6Page - Texas Instruments INA2126UA/2K5 Datasheet HTML 7Page - Texas Instruments INA2126UA/2K5 Datasheet HTML 8Page - Texas Instruments INA2126UA/2K5 Datasheet HTML 9Page - Texas Instruments INA2126UA/2K5 Datasheet HTML 10Page - Texas Instruments INA2126UA/2K5 Datasheet HTML 11Page - Texas Instruments INA2126UA/2K5 Datasheet HTML 12Page - Texas Instruments INA2126UA/2K5 Datasheet HTML 13Page - Texas Instruments INA2126UA/2K5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
6.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V (unless otherwise noted)
Frequency (Hz)
10
100
20
200
30
300
40
400
50
500
60
600
70
700
80
800
100
1000
1
10
100
1k
10k
1
10
100
1k
10k
Voltage Noise
Current Noise
Figure 6-7. Input-Referred Noise vs Frequency
Gain (V/V)
1000
100
10
1
10
100
1k
0.01%
0.1%
Figure 6-8. Settling Time vs Gain
Time After Turn-On (ms)
0
1
10
2
3
4
5
6
7
8
9
10
8
6
4
2
0
–2
–4
–6
–8
–10
(Noise)
Figure 6-9. Input-Referred Offset Voltage WarmUp
Temperature ( C)
-75
-50
-25
0
25
50
75
100
125
150
0
50
100
150
200
250
Vs = 1.35 V
Vs = 15 V
Vs = 18 V
Figure 6-10. Quiescent Current vs Temperature
Temperature ( C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
Rising, Unit 1
Rising, Unit 2
Falling, Unit 1
Falling, Unit 2
Figure 6-11. Slew Rate vs Temperature
Frequency (Hz)
10
100
1k
1
0.1
0.01
0.001
10k
R
L = 100kΩ
G = 5
R
L = 10kΩ
Figure 6-12. Total Harmonic Distortion + Noise vs Frequency
INA126, INA2126
SBOS062C – SEPTEMBER 2000 – REVISED JANUARY 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA126 INA2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com