Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA199 Datasheet(PDF) 15 Page - Texas Instruments

Part # INA199
Description  INA199 26-V, Bidirectional, Zero-Drift, Low- or High-Side, Voltage-Output, Current-Shunt Monitor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA199 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA199 Datasheet HTML 11Page - Texas Instruments INA199 Datasheet HTML 12Page - Texas Instruments INA199 Datasheet HTML 13Page - Texas Instruments INA199 Datasheet HTML 14Page - Texas Instruments INA199 Datasheet HTML 15Page - Texas Instruments INA199 Datasheet HTML 16Page - Texas Instruments INA199 Datasheet HTML 17Page - Texas Instruments INA199 Datasheet HTML 18Page - Texas Instruments INA199 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
There is typically slightly more than 1-MΩ impedance (from the combination of 1-MΩ feedback and 5-kΩ input
resistors) from each input of the INA199 to the OUT pin and to the REF pin. The amount of current flowing
through these pins depends on the respective ultimate connection. For example, if the REF pin is grounded,
the calculation of the effect of the 1-MΩ impedance from the shunt to ground is straightforward. However, if the
reference or operational amplifier is powered when the INA199 is shut down, the calculation is direct; instead
of assuming 1-MΩ to ground, however, assume 1-MΩ to the reference voltage. If the reference or operational
amplifier is also shut down, some knowledge of the reference or operational amplifier output impedance under
shutdown conditions is required. For instance, if the reference source functions as an open circuit when not
powered, little or no current flows through the 1-MΩ path.
Regarding the 1-MΩ path to the output pin, the output stage of a disabled INA199 does constitute a good path to
ground. Consequently, this current is directly proportional to a shunt common-mode voltage impressed across a
1-MΩ resistor.
Note
When the device is powered up, there is an additional, nearly constant, and well-matched 25 μA that
flows in each of the inputs as long as the shunt common-mode voltage is 3 V or higher. Below 2-V
common-mode, the only current effects are the result of the 1-MΩ resistors.
7.4.3 REF Input Impedance Effects
As with any difference amplifier, the INA199 series common-mode rejection ratio is affected by any impedance
present at the REF input. This concern is not a problem when the REF pin is connected directly to most
references or power supplies. When using resistive dividers from the power supply or a reference voltage, the
REF pin must be buffered by an operational amplifier.
In systems where the INA199 output can be sensed differentially, such as by a differential input analog-to-digital
converter (ADC) or by using two separate ADC inputs, the effects of external impedance on the REF input can
be cancelled. Figure 7-4 depicts a method of taking the output from the INA199 by using the REF pin as a
reference.
Output
Load
Supply
ADC
V+
OUT
GND
IN-
IN+
C
BYPASS
0.01 F
to
0.1 F
m
m
2.7 V to 26 V
REF
R
1
R
3
R
2
R
4
R
SHUNT
Figure 7-4. Sensing the INA199 to Cancel Effects of Impedance on the REF Input
7.4.4 Using the INA199 With Common-Mode Transients Above 26 V
With a small amount of additional circuitry, the INA199 series can be used in circuits subject to transients higher
than 26 V, such as automotive applications. Use only Zener diode or Zener-type transient absorbers (sometimes
referred to as transzorbs); any other type of transient absorber has an unacceptable time delay. Start by adding
a pair of resistors (see Figure 7-5) as a working impedance for the Zener. Keeping these resistors as small
as possible is preferable, most often approximately 10 Ω. Larger values can be used with an effect on gain as
discussed in the Section 7.4.1 section. Because this circuit limits only short-term transients, many applications
www.ti.com
INA199
SBOS469H – APRIL 2009 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com