Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA199 Datasheet(PDF) 23 Page - Texas Instruments

Part # INA199
Description  INA199 26-V, Bidirectional, Zero-Drift, Low- or High-Side, Voltage-Output, Current-Shunt Monitor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA199 Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA199 Datasheet HTML 19Page - Texas Instruments INA199 Datasheet HTML 20Page - Texas Instruments INA199 Datasheet HTML 21Page - Texas Instruments INA199 Datasheet HTML 22Page - Texas Instruments INA199 Datasheet HTML 23Page - Texas Instruments INA199 Datasheet HTML 24Page - Texas Instruments INA199 Datasheet HTML 25Page - Texas Instruments INA199 Datasheet HTML 26Page - Texas Instruments INA199 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
12 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (Februay 2017) to Revision H (October 2023)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
Changes from Revision F (June 2016) to Revision G (February 2017)
Page
• Changed first sub-bullet of Accuracy Features bullet: deleted ±1.5% from sub-bullet and added
version differences .............................................................................................................................................1
• Changed 105°C to 125°C in last paragraph of Description section ...................................................................1
• Added INA199Cx to last row of Analog inputs in Absolute Maximum Ratings table.......................................... 4
• Changed INA199Ax HBM value from ±4000 to ±2000 and changed INA199B1, INA199B2, and INA199B3 to
INA199Bx and INA199Cx in second V(ESD) section of ESD Ratings table.........................................................4
• Changed maximum specification from 105 to 125 in TA row of Recommended Operating Conditions table.....5
• Changed all TA = –40°C to 105°C to TA = –40°C to 125°C in Electrical Characteristics table...........................6
• Added version C to last row of VCM parameter in Electrical Characteristics table ............................................ 6
• Added versions A and B to first Gain error parameter row, added second row ................................................ 6
• Changed devices listed in test conditions of GBW parameter in Electrical Characteristics table to INA199x1,
INA199x2, and INA199x3, respectively for the three rows................................................................................. 6
• Changed maximum specification from 105 to 125 in Specified range parameter of Electrical Characteristics
table.................................................................................................................................................................... 6
• Changed 105°C to 125°C in last paragraph of Overview section.....................................................................11
• Changed INA199A2 and INA199B2 to INA199x2 and changed INA199A2 and INA199B2 to INA199x2 in last
paragraph of Input Filtering section.................................................................................................................. 13
• Changed listed products in table of Figure 22 .................................................................................................14
• Changed version B to version B and C in second paragraph of Improving Transient Robustness section......17
Changes from Revision E (December 2015) to Revision F (June 2016)
Page
• Changed Package Features bullet to include pin count for both packages ...................................................... 1
• Deleted last Applications bullet...........................................................................................................................1
• Changed Description section..............................................................................................................................1
• Changed Analog inputs parameter in Absolute Maximum Ratings table........................................................... 4
• Changed ESD Ratings table: deleted both Machine model rows, changed INA199B HBM specification..........4
• Changed Electrical Characteristics table: recombined the two Electrical Characteristics tables into one .........6
• Added minimum specification to second row of Power Supply, VS parameter in Electrical Characteristics
table ...................................................................................................................................................................6
• Added θJA parameter back to Electrical Characteristics table ...........................................................................6
Changes from Revision D (November 2012) to Revision E (December 2015)
Page
• Added ESD Ratings table, Thermal Information table, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section ........... 1
Changes from Revision C (August 2012) to Revision D (November 2012)
Page
• Changed Frequency Response, Bandwidth parameter in Electrical Characteristics table.................................6
• Updated Figure 7-2 ..........................................................................................................................................13
• Updated Figure 7-3 ..........................................................................................................................................14
Changes from Revision B (February 2010) to Revision C (August 2012)
Page
• Added INA199Bx gains to fourth Features bullet............................................................................................... 1
• Added INA199Bx data to Product Family Table................................................................................................. 3
• Added INA199Bx data to Package Information table......................................................................................... 3
www.ti.com
INA199
SBOS469H – APRIL 2009 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: INA199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com