Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2126UG4.B Datasheet(PDF) 22 Page - Texas Instruments

Part # INA2126UG4.B
Description  INAx126 MicroPower Instrumentation Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2126UG4.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA2126UG4.B Datasheet HTML 18Page - Texas Instruments INA2126UG4.B Datasheet HTML 19Page - Texas Instruments INA2126UG4.B Datasheet HTML 20Page - Texas Instruments INA2126UG4.B Datasheet HTML 21Page - Texas Instruments INA2126UG4.B Datasheet HTML 22Page - Texas Instruments INA2126UG4.B Datasheet HTML 23Page - Texas Instruments INA2126UG4.B Datasheet HTML 24Page - Texas Instruments INA2126UG4.B Datasheet HTML 25Page - Texas Instruments INA2126UG4.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Oct-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
INA126UA/2K5.B
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
INA
126U
A
INA2126E/250
Active
Production
SSOP (DBQ) | 16
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-
INA
2126E
INA2126E/250.B
Active
Production
SSOP (DBQ) | 16
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
INA
2126E
INA2126E/2K5
Active
Production
SSOP (DBQ) | 16
2500 | LARGE T&R
Yes
Call TI | Nipdau
Level-3-260C-168 HR
-
INA
2126E
INA2126E/2K5.B
Active
Production
SSOP (DBQ) | 16
2500 | LARGE T&R
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
INA
2126E
INA2126EA/250
Active
Production
SSOP (DBQ) | 16
250 | SMALL T&R
Yes
Call TI | Nipdau
Level-3-260C-168 HR
-
INA
2126E
A
INA2126EA/250.B
Active
Production
SSOP (DBQ) | 16
250 | SMALL T&R
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
INA
2126E
A
INA2126EA/2K5
Active
Production
SSOP (DBQ) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-
INA
2126E
A
INA2126EA/2K5.B
Active
Production
SSOP (DBQ) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
INA
2126E
A
INA2126U
Active
Production
SOIC (D) | 16
40 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-
INA2126U
INA2126U.B
Active
Production
SOIC (D) | 16
40 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
INA2126U
INA2126UA
Active
Production
SOIC (D) | 16
40 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
INA2126U
A
INA2126UA.B
Active
Production
SOIC (D) | 16
40 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
INA2126U
A
INA2126UA/2K5
Active
Production
SOIC (D) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
INA2126U
A
INA2126UA/2K5.B
Active
Production
SOIC (D) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
INA2126U
A
INA2126UG4
Active
Production
SOIC (D) | 16
40 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
INA2126U
INA2126UG4.B
Active
Production
SOIC (D) | 16
40 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
INA2126U
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com