Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2126UG4.B Datasheet(PDF) 13 Page - Texas Instruments

Part # INA2126UG4.B
Description  INAx126 MicroPower Instrumentation Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2126UG4.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA2126UG4.B Datasheet HTML 9Page - Texas Instruments INA2126UG4.B Datasheet HTML 10Page - Texas Instruments INA2126UG4.B Datasheet HTML 11Page - Texas Instruments INA2126UG4.B Datasheet HTML 12Page - Texas Instruments INA2126UG4.B Datasheet HTML 13Page - Texas Instruments INA2126UG4.B Datasheet HTML 14Page - Texas Instruments INA2126UG4.B Datasheet HTML 15Page - Texas Instruments INA2126UG4.B Datasheet HTML 16Page - Texas Instruments INA2126UG4.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The INAx126 measures small differential voltage with high common-mode voltage developed between the
noninverting and inverting input. The high input impedance make the INAx126 an excellent choice for a wide
range of applications. The INAx126 can adjust the functionality of the output signals by setting the reference pin,
giving additional flexibility that is practical for multiple configurations.
8.2 Typical Application
Figure 8-1 shows the basic connections required for operation of the INA126. Applications with noisy or high
impedance power supplies may require decoupling capacitors close to the device pins as shown.
The output is referred to the output reference (Ref) pin, which is normally grounded. This connection must be
low-impedance to maintain good common-mode rejection. A resistance of 8 Ω in series with the Ref pin causes
a typical device to degrade to approximately 80-dB CMR.
Figure 8-4 depicts a desired differential signal from a sensor at 1 kHz and 5 mVPP superimposed on top of a
1-VPP, 60-Hz common-mode signal (the 1-kHz signal can not be resolved in this scope trace). The FFT trace in
Figure 8-5 shows the two signals. Figure 8-6 shows the clearly recovered differential signal at the output of the
INA126 operating at a gain of 250. The FFT of Figure 8-7 shows the 60-Hz common-mode is no longer visible.
The dual version INA2126 has feedback-sense connections, SenseA and SenseB, that must be connected to the
respective output pins for proper operation. The sense connection can sense the output voltage directly at the
load for best accuracy.
DESIRED GAIN
RG
NEAREST 1%
(V/V)
(Ω)
RG VALUE
5
NC
NC
10
16k
15.8k
20
5333
5360
50
1779
1780
100
842
845
200
410
412
500
162
162
1000
80.4
80.6
2000
40.1
40.2
5000
16.0
15.8
10000
8.0
7.87
NC: No Connection.
40kΩ
10kΩ
10kΩ
40kΩ
INA126
5
4
2
1
8
3
7
6
R
G
R
G
V
IN
A
2
A
1
–
V
IN
+
V
IN
–
V
IN
+
V+
V–
INA126
0.1µF
0.1µF
V
O
V
O
Ref
Ref
Load
+
–
Also drawn in simplified form:
V
O = (VIN – VIN) G
–
+
G = 5 +
Pin numbers are
for single version
Dual version has
external sense connection.
80kΩ
R
G
Figure 8-1. Basic Connections
www.ti.com
INA126, INA2126
SBOS062C – SEPTEMBER 2000 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA126 INA2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com