Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA181A3IDBVT Datasheet(PDF) 4 Page - Texas Instruments

Part # INA181A3IDBVT
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA181A3IDBVT Datasheet(HTML) 4 Page - Texas Instruments

  INA181A3IDBVT Datasheet HTML 1Page - Texas Instruments INA181A3IDBVT Datasheet HTML 2Page - Texas Instruments INA181A3IDBVT Datasheet HTML 3Page - Texas Instruments INA181A3IDBVT Datasheet HTML 4Page - Texas Instruments INA181A3IDBVT Datasheet HTML 5Page - Texas Instruments INA181A3IDBVT Datasheet HTML 6Page - Texas Instruments INA181A3IDBVT Datasheet HTML 7Page - Texas Instruments INA181A3IDBVT Datasheet HTML 8Page - Texas Instruments INA181A3IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
5 Pin Configuration and Functions
1
OUT
6
VS
2
GND
5
REF
3
IN+
4
IN±
Not to scale
Figure 5-1. INA181: DBV Package 6-Pin SOT-23 Top View
REF
GND
VS
OUT
IN
IN+
Figure 5-2. INA181: DCK Package 6-Pin SC70 Top View
Table 5-1. Pin Functions: INA181 (Single Channel)
PIN
TYPE
DESCRIPTION
NAME
SOT-23
SC70
GND
2
2
Analog
Ground
IN–
4
5
Analog input
Current-sense amplifier negative input. For high-side applications, connect
to load side of sense resistor. For low-side applications, connect to ground
side of sense resistor.
IN+
3
4
Analog input
Current-sense amplifier positive input. For high-side applications, connect
to bus-voltage side of sense resistor. For low-side applications, connect to
load side of sense resistor.
OUT
1
6
Analog output
Output voltage
REF
5
1
Analog input
Reference input
VS
6
3
Analog
Power supply, 2.7 V to 5.5 V
INA181, INA2181, INA4181
SBOS793H – APRIL 2017 – REVISED NOVEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA181 INA2181 INA4181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com