Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA181A3IDBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # INA181A3IDBVT
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA181A3IDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA181A3IDBVT Datasheet HTML 2Page - Texas Instruments INA181A3IDBVT Datasheet HTML 3Page - Texas Instruments INA181A3IDBVT Datasheet HTML 4Page - Texas Instruments INA181A3IDBVT Datasheet HTML 5Page - Texas Instruments INA181A3IDBVT Datasheet HTML 6Page - Texas Instruments INA181A3IDBVT Datasheet HTML 7Page - Texas Instruments INA181A3IDBVT Datasheet HTML 8Page - Texas Instruments INA181A3IDBVT Datasheet HTML 9Page - Texas Instruments INA181A3IDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
Table 5-2. Pin Functions: INA2181 (Dual Channel) and INA4181 (Quad Channel) (continued)
PIN
TYPE
DESCRIPTION
NAME
INA2181
INA4181
IN+3
—
15
Analog input
Current-sense amplifier positive input for Channel 3. For high-side
applications, connect to bus-voltage side of Channel 3 sense resistor. For
low-side applications, connect to load side of Channel 3 sense resistor.
IN–4
—
18
Analog input
Current-sense amplifier negative input for Channel 4. For high-side
applications, connect to load side of Channel 4 sense resistor. For low-side
applications, connect to ground side of Channel 4 sense resistor.
IN+4
—
17
Analog input
Current-sense amplifier positive input for Channel 4. For high-side
applications, connect to bus-voltage side of Channel 4 sense resistor. For
low-side applications, connect to load side of Channel 4 sense resistor.
NC
—
10, 11
—
NC denotes no internal connection. These pins can be left floating or
connected to any voltage between VS and ground.
OUT1
1
2
Analog output
Channel 1 output voltage
OUT2
9
8
Analog output
Channel 2 output voltage
OUT3
—
13
Analog output
Channel 3 output voltage
OUT4
—
19
Analog output
Channel 4 output voltage
REF1
5
1
Analog input
Channel 1 reference voltage, 0 to VS
REF2
6
9
Analog input
Channel 2 reference voltage, 0 to VS
REF3
—
12
Analog input
Channel 3 reference voltage, 0 to VS
REF4
—
20
Analog input
Channel 4 reference voltage, 0 to VS
VS
10
5
Analog
Power supply pin, 2.7 V to 5.5 V
INA181, INA2181, INA4181
SBOS793H – APRIL 2017 – REVISED NOVEMBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA181 INA2181 INA4181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com