Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA190A2IDDFR Datasheet(PDF) 9 Page - Texas Instruments

Part # INA190A2IDDFR
Description  INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA190A2IDDFR Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA190A2IDDFR Datasheet HTML 5Page - Texas Instruments INA190A2IDDFR Datasheet HTML 6Page - Texas Instruments INA190A2IDDFR Datasheet HTML 7Page - Texas Instruments INA190A2IDDFR Datasheet HTML 8Page - Texas Instruments INA190A2IDDFR Datasheet HTML 9Page - Texas Instruments INA190A2IDDFR Datasheet HTML 10Page - Texas Instruments INA190A2IDDFR Datasheet HTML 11Page - Texas Instruments INA190A2IDDFR Datasheet HTML 12Page - Texas Instruments INA190A2IDDFR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
35
40
45
50
55
60
65
70
75
80
D027
VS = 1.8 V
VS = 3.3 V
VS = 5 V
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-30
0
30
60
90
120
150
180
210
240
D002
VS = 1.8 V
VS = 3.3 V
VS = 5.0 V
Common-Mode Voltage (V)
0
5
10
15
20
25
30
35
40
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
D025
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-1
0
1
2
3
4
5
6
7
D026
Common-Mode Voltage (V)
0
5
10
15
20
25
30
35
40
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
D024
Output Current (mA)
0
5
10
15
20
25
30
35
Vs
Vs-1
Vs-2
GND
GND+1
GND+2
D009
-40°C
25°C
125°C
9
INA190
www.ti.com
SBOS863D – MARCH 2018 – REVISED NOVEMBER 2019
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 1.8 V, VIN+ = 12 V, VREF = VS / 2, VENABLE = VS, and for all gain options (unless otherwise noted)
VS = 5.0 V
Figure 13. Output Voltage Swing vs Output Current
VS = 5.0 V
Figure 14. Input Bias Current vs Common-Mode Voltage
VENABLE = 0 V
Figure 15. Input Bias Current vs Common-Mode Voltage
(Shutdown)
Figure 16. Input Bias Current vs Temperature
Figure 17. Quiescent Current vs Temperature (Enabled)
VENABLE = 0 V
Figure 18. Quiescent Current vs Temperature (Disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com