Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA190A2IDDFR Datasheet(PDF) 1 Page - Texas Instruments

Part # INA190A2IDDFR
Description  INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA190A2IDDFR Datasheet(HTML) 1 Page - Texas Instruments

  INA190A2IDDFR Datasheet HTML 1Page - Texas Instruments INA190A2IDDFR Datasheet HTML 2Page - Texas Instruments INA190A2IDDFR Datasheet HTML 3Page - Texas Instruments INA190A2IDDFR Datasheet HTML 4Page - Texas Instruments INA190A2IDDFR Datasheet HTML 5Page - Texas Instruments INA190A2IDDFR Datasheet HTML 6Page - Texas Instruments INA190A2IDDFR Datasheet HTML 7Page - Texas Instruments INA190A2IDDFR Datasheet HTML 8Page - Texas Instruments INA190A2IDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
ADC
ENABLE
(1)
VS
OUT
REF
GND
IN+
IN±
LOAD
Microcontroller
Supply Voltage
1.7 V to 5.5 V
Bus Voltage
±0.2 V to +40 V
0.5 nA
(typ)
0.5 nA
(typ)
0.1 …F
RSENSE
INA190
(1) The ENABLE pin is available only
in the DDF and RSW packages.
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA190
SBOS863D – MARCH 2018 – REVISED NOVEMBER 2019
INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range,
Precision Current-Sense Amplifier With Enable
1
1 Features
1
•
Low input bias currents: 500 pA (typ)
(enables microamp current measurement)
•
Low power:
–
Low supply voltage, VS: 1.7 V to 5.5 V
–
Low shutdown current: 100 nA (max)
–
Low quiescent current: 50 μA at 25°C (typ)
•
Accuracy:
–
Common-mode rejection ratio: 132 dB (min)
–
Gain error: ±0.2% (A1 device)
–
Gain drift: 7 ppm/°C (max)
–
Offset voltage, VOS: ±15 μV (max)
–
Offset drift: 80 nV/°C (max)
•
Wide common-mode voltage: –0.2 V to +40 V
•
Bidirectional current sensing capability
•
Gain options:
–
INA190A1: 25 V/V
–
INA190A2: 50 V/V
–
INA190A3: 100 V/V
–
INA190A4: 200 V/V
–
INA190A5: 500 V/V
2 Applications
•
Standard notebook PC
•
Smartphone
•
Consumer battery charger
•
Baseband unit (BBU)
•
Merchant network and server PSU
•
Battery test
3 Description
The INA190 is a low-power, voltage-output, current-
shunt monitor (also called a current-sense amplifier).
This device is commonly
used
for
overcurrent
protection, precision current measurement for system
optimization, or in closed-loop feedback circuits. The
INA190 can sense drops across shunts at common-
mode voltages from –0.2 V to +40 V, independent of
the supply voltage.
The low input bias current of the device permits the
use of larger current-sense resistors, thus providing
accurate current measurements in the microamp
range. The low offset voltage of the zero-drift
architecture extends the dynamic range of the current
measurement. This feature allows for smaller sense
resistors with lower power loss, while still providing
accurate current measurements.
The INA190 operates from a single 1.7-V to 5.5-V
power supply, and draws a maximum of 65 µA of
supply current when enabled; only 0.1 µA when
disabled. Five fixed gain options are available: 25
V/V, 50 V/V, 100 V/V, 200 V/V, or 500 V/V. The
device is specified over the operating temperature
range of –40°C to +125°C, and offered in UQFN,
SC70, and SOT-23 packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA190
SC70 (6)
2.00 mm x 1.25 mm
SOT-23 (8)
1.60 mm × 2.90 mm
UQFN (10)
1.80 mm × 1.40 mm
(1) For all available packages, see the package option addendum
at the end of the datasheet.
Typical Application


Similar Part No. - INA190A2IDDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA190A2IDDFR TI1-INA190A2IDDFR Datasheet
1Mb / 45P
INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
2019
More results

Similar Description - INA190A2IDDFR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8418 AD-AD8418 Datasheet
300Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
10/2017-Rev. B to Rev. C
logo
Texas Instruments
INA186 TI1-INA186 Datasheet
1Mb / 31P
Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier
INA190 TI1-INA190_19 Datasheet
1Mb / 41P
Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
INA191 TI1-INA191_19 Datasheet
759Kb / 30P
Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier
INA186 TI1-INA186_V01 Datasheet
1Mb / 38P
INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
INA190 TI1-INA190_V01 Datasheet
1Mb / 45P
INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
2019
INA186 TI-INA186_V02 Datasheet
2Mb / 46P
INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
REVISED JULY 2021
INA190-EP TI-INA190-EP Datasheet
1Mb / 37P
INA190-EP Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current Sense Amp With Enable
MAY 2022
logo
Analog Devices
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com