Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA190A2IRSWR Datasheet(PDF) 14 Page - Texas Instruments

Part # INA190A2IRSWR
Description  INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA190A2IRSWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA190A2IRSWR Datasheet HTML 10Page - Texas Instruments INA190A2IRSWR Datasheet HTML 11Page - Texas Instruments INA190A2IRSWR Datasheet HTML 12Page - Texas Instruments INA190A2IRSWR Datasheet HTML 13Page - Texas Instruments INA190A2IRSWR Datasheet HTML 14Page - Texas Instruments INA190A2IRSWR Datasheet HTML 15Page - Texas Instruments INA190A2IRSWR Datasheet HTML 16Page - Texas Instruments INA190A2IRSWR Datasheet HTML 17Page - Texas Instruments INA190A2IRSWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
OUT
LOAD
SENSE
REF
V
I
R
GAIN
V
u
u
14
INA190
SBOS863D – MARCH 2018 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Precision Current Measurement
The INA190 allows for accurate current measurements over a wide dynamic range. The high accuracy of the
device is attributable to the low gain error and offset specifications. The offset voltage of the INA190 is less than
15 µV. In this case, the low offset improves the accuracy at light loads when VIN+ approaches VIN–. Another
advantage of low offset is the ability to use a lower-value shunt resistor that reduces the power loss in the
current-sense circuit, and improves the power efficiency of the end application.
The maximum gain error of the INA190 is specified between 0.2% and 0.4% of the actual value, depending on
the gain option. As the sensed voltage becomes much larger than the offset voltage, the gain error becomes the
dominant source of error in the current-sense measurement. When the device monitors currents near the full-
scale output range, the total measurement error approaches the value of the gain error.
7.3.2 Low Input Bias Current
The INA190 is different from many current-sense amplifiers because this device offers very low input bias
current. The low input bias current of the INA190 has three primary benefits.
The first benefit is the reduction of the current consumed by the device in both the enabled and disabled states.
Classical current-sense amplifier topologies typically consume tens of microamps of current at the inputs. For
these amplifiers, the input current is the result of the resistor network that sets the gain and additional current to
bias the input amplifier. To reduce the bias current to near zero, the INA190 uses a capacitively coupled amplifier
on the input stage, followed by a difference amplifier on the output stage.
The second benefit of low bias current is the ability to use input filters to reject high-frequency noise before the
signal is amplified. In a traditional current-sense amplifier, the addition of input filters comes at the cost of
reduced accuracy. However, as a result of the low bias currents, input filters have little effect on the
measurement accuracy of the INA190.
The third benefit of low bias current is the ability to use a larger current-sense resistor. This ability allows the
device to accurately monitor currents as low as 1 µA.
7.3.3 Low Quiescent Current With Output Enable
The device features low quiescent current (IQ), while still providing sufficient small-signal bandwidth to be usable
in most applications. The quiescent current of the INA190 is only 48 µA (typ), while providing a small-signal
bandwidth of 35 kHz in a gain of 100. The low IQ and good bandwidth allow the device to be used in many
portable electronic systems without excessive drain on the battery. Because many applications only need to
periodically monitor current, the INA190 features an enable pin that turns off the device until needed. When in
the disabled state, the INA190 typically draws 10 nA of total supply current.
7.3.4 Bidirectional Current Monitoring
INA190 devices can sense current flow through a sense resistor in both directions. The bidirectional current-
sensing capability is achieved by applying a voltage at the REF pin to offset the output voltage. A positive
differential voltage sensed at the inputs results in an output voltage that is greater than the applied reference
voltage. Likewise, a negative differential voltage at the inputs results in output voltage that is less than the
applied reference voltage. The output voltage of the current-sense amplifier is shown in Equation 1.
where
•
ILOAD is the load current to be monitored.
•
RSENSE is the current-sense resistor.
•
GAIN is the gain option of the selected device.
•
VREF is the voltage applied to the REF pin.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com