Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA190A2IRSWR Datasheet(PDF) 18 Page - Texas Instruments

Part # INA190A2IRSWR
Description  INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA190A2IRSWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA190A2IRSWR Datasheet HTML 14Page - Texas Instruments INA190A2IRSWR Datasheet HTML 15Page - Texas Instruments INA190A2IRSWR Datasheet HTML 16Page - Texas Instruments INA190A2IRSWR Datasheet HTML 17Page - Texas Instruments INA190A2IRSWR Datasheet HTML 18Page - Texas Instruments INA190A2IRSWR Datasheet HTML 19Page - Texas Instruments INA190A2IRSWR Datasheet HTML 20Page - Texas Instruments INA190A2IRSWR Datasheet HTML 21Page - Texas Instruments INA190A2IRSWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
VOUT
VS
1.7 V to 5.5 V
IN±
IN+
VS
OUT
+
±
Bus Voltage
up to 40 V
RSENS E
Loa d
Capacitive ly
Couple d
Amplifier
ENABL E
INA190
REF
GND
ISENS E
+
±
Reference
Voltage
CBYPASS
0.1 µF
18
INA190
SBOS863D – MARCH 2018 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.3 Bidirectional Mode
The INA190 devices are bidirectional current-sense amplifiers capable of measuring currents through a resistive
shunt in two directions. This bidirectional monitoring is common in applications that include charging and
discharging operations where the current flowing through the resistor can change directions.
Figure 37. Bidirectional Application
The ability to measure this current flowing in both directions is achieved by applying a voltage to the REF pin, as
shown in Figure 37. The voltage applied to REF (VREF) sets the output state that corresponds to the zero-input
level state. The output then responds by increasing above VREF for positive differential signals (relative to the IN–
pin) and responds by decreasing below VREF for negative differential signals. This reference voltage applied to
the REF pin can be set anywhere between 0 V to VS. For bidirectional applications, VREF is typically set at VS/2
for equal signal range in both current directions. In some cases, VREF is set at a voltage other than VS/2; for
example, when the bidirectional current and corresponding output signal do not need to be symmetrical.
7.4.4 Input Differential Overload
If the differential input voltage (VIN+ – VIN–) times gain exceeds the voltage swing specification, the INA190 drives
its output as close as possible to the positive supply or ground, and does not provide accurate measurement of
the differential input voltage. If this input overload occurs during normal circuit operation, then reduce the value of
the shunt resistor or use a lower-gain version with the chosen sense resistor to avoid this mode of operation. If a
differential overload occurs in a time-limited fault event, then the output of the INA190 returns to the expected
value approximately 80 µs after the fault condition is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com