Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF398M/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LF398M/NOPB
Description  LFx98x Monolithic Sample-and-Hold Circuits
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF398M/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LF398M/NOPB Datasheet HTML 1Page - Texas Instruments LF398M/NOPB Datasheet HTML 2Page - Texas Instruments LF398M/NOPB Datasheet HTML 3Page - Texas Instruments LF398M/NOPB Datasheet HTML 4Page - Texas Instruments LF398M/NOPB Datasheet HTML 5Page - Texas Instruments LF398M/NOPB Datasheet HTML 6Page - Texas Instruments LF398M/NOPB Datasheet HTML 7Page - Texas Instruments LF398M/NOPB Datasheet HTML 8Page - Texas Instruments LF398M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2
LF198-N, LF298, LF398-N
LF198A-N, LF398A-N
SNOSBI3C – JULY 2000 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: LF198-N LF298 LF398-N LF198A-N LF398A-N
Submit Documentation Feedback
Copyright © 2000–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
Recommended Operating Conditions ....................... 4
6.3
Thermal Information .................................................. 4
6.4
Electrical Characteristics, LF198-N and LF298 ........ 5
6.5
Electrical Characteristics, LF198A-N ........................ 6
6.6
Electrical Characteristics, LF398-N........................... 7
6.7
Electrical Characteristics, LF398A-N (OBSOLETE) . 8
6.8
Typical Characteristics .............................................. 9
7
Parameter Measurement Information ................ 12
7.1
TTL and CMOS 3 V
≤ VLOGIC (Hi State) ≤ 7 V ....... 12
7.2
CMOS 7 V
≤ VLOGIC (Hi State) ≤ 15 V .................... 12
7.3
Operational Amplifier Drive ..................................... 13
8
Detailed Description ............................................ 14
8.1
Overview ................................................................. 14
8.2
Functional Block Diagram ....................................... 14
8.3
Feature Description................................................. 14
8.4
Device Functional Modes........................................ 14
9
Application and Implementation ........................ 15
9.1
Application Information............................................ 15
9.2
Typical Applications ................................................ 17
10
Power Supply Recommendations ..................... 26
11
Layout................................................................... 27
11.1
Layout Guidelines ................................................. 27
11.2
Layout Example .................................................... 27
12
Device and Documentation Support ................. 28
12.1
Device Support...................................................... 28
12.2
Related Links ........................................................ 28
12.3
Community Resources.......................................... 28
12.4
Trademarks ........................................................... 28
12.5
Electrostatic Discharge Caution ............................ 28
12.6
Glossary ................................................................ 29
13
Mechanical, Packaging, and Orderable
Information ........................................................... 29
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (October 2015) to Revision C
Page
•
Updated Device Information and Pin Functions tables .......................................................................................................... 1
•
Separated Electrical Characteristics into four tables: LF198-N and LF298; LF198A-N; LF398-N; and LF398A-N
(OBSOLETE) .......................................................................................................................................................................... 5
Changes from Revision A (July 2000) to Revision B
Page
•
Added ESD Ratings table, Thermal Information table, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section....................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com