Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF398M/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LF398M/NOPB
Description  LFx98x Monolithic Sample-and-Hold Circuits
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF398M/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LF398M/NOPB Datasheet HTML 9Page - Texas Instruments LF398M/NOPB Datasheet HTML 10Page - Texas Instruments LF398M/NOPB Datasheet HTML 11Page - Texas Instruments LF398M/NOPB Datasheet HTML 12Page - Texas Instruments LF398M/NOPB Datasheet HTML 13Page - Texas Instruments LF398M/NOPB Datasheet HTML 14Page - Texas Instruments LF398M/NOPB Datasheet HTML 15Page - Texas Instruments LF398M/NOPB Datasheet HTML 16Page - Texas Instruments LF398M/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
13
LF198-N, LF298, LF398-N
LF198A-N, LF398A-N
www.ti.com
SNOSBI3C – JULY 2000 – REVISED OCTOBER 2018
Product Folder Links: LF198-N LF298 LF398-N LF198A-N LF398A-N
Submit Documentation Feedback
Copyright © 2000–2018, Texas Instruments Incorporated
CMOS 7 V
≤ V
LOGIC (Hi State) ≤ 15 V (continued)
Threshold = 0.6 (V+) –1.4V
Figure 21. Sample When Logic Low With CMOS Biasing
7.3 Operational Amplifier Drive
Threshold
≈ +4 V
Figure 22. Sample When Logic High With Operational Amplifier Biasing
Threshold =
−4 V
Figure 23. Sample When Logic Low With Operational Amplifier Biasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com