| Electronic Components Datasheet Search |
|
LPC2387 Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2387 Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 47 page ![]() LPC2387_2 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 02 — 1 February 2008 7 of 47 NXP Semiconductors LPC2387 Fast communication chip P0[17]/CTS1/ MISO0/MISO 61[1] I/O P0[17] — General purpose digital input/output pin. I CTS1 — Clear to Send input for UART1. I/O MISO0 — Master In Slave Out for SS1 I/O MISO — Master In Slave Out for SPI. P0[18]/DCD1/ MOSI0/MOSI 60[1] I/O P0[18] — General purpose digital input/output pin. I DCD1 — Data Carrier Detect input for UART1. I/O MOSI0 — Master Out Slave In for SSP0. I/O MOSI — Master Out Slave In for SPI. P0[19]/DSR1/ MCICLK/SDA1 59[1] I/O P0[19] — General purpose digital input/output pin. I DSR1 — Data Set Ready input for UART1. O MCICLK — Clock output line for SD/MMC interface. I/O SDA1 — I2C1 data input/output (this is not an open-drain pin). P0[20]/DTR1/ MCICMD/SCL1 58[1] I/O P0[20] — General purpose digital input/output pin. O DTR1 — Data Terminal Ready output for UART1. I MCICMD — Command line for SD/MMC interface. I/O SCL1 — I2C1 clock input/output (this is not an open-drain pin). P0[21]/RI1/ MCIPWR/RD1 57[1] I/O P0[21] — General purpose digital input/output pin. I RI1 — Ring Indicator input for UART1. O MCIPWR — Power Supply Enable for external SD/MMC power supply. I RD1 — CAN1 receiver input. P0[22]/RTS1/ MCIDAT0/TD1 56[1] I/O P0[22] — General purpose digital input/output pin. O RTS1 — Request to Send output for UART1. O MCIDAT0 — Data line for SD/MMC interface. O TD1 — CAN1 transmitter output. P0[23]/AD0[0]/ I2SRX_CLK/ CAP3[0] 9[2] I/O P0[23] — General purpose digital input/output pin. I AD0[0] — A/D converter 0, input 0. I/O I2SRX_CLK — Receive Clock. It is driven by the master and received by the slave. Corresponds to the signal SCK in the I2S-bus specification. I CAP3[0] — Capture input for Timer 3, channel 0. P0[24]/AD0[1]/ I2SRX_WS/ CAP3[1] 8[2] I/O P0[24] — General purpose digital input/output pin. I AD0[1] — A/D converter 0, input 1. I/O I2SRX_WS — Receive Word Select. It is driven by the master and received by the slave. Corresponds to the signal WS in the I2S-bus specification. I CAP3[1] — Capture input for Timer 3, channel 1. P0[25]/AD0[2]/ I2SRX_SDA/ TXD3 7[2] I/O P0[25] — General purpose digital input/output pin. I AD0[2] — A/D converter 0, input 2. I/O I2SRX_SDA — Receive data. It is driven by the transmitter and read by the receiver. Corresponds to the signal SD in the I2S-bus specification. O TXD3 — Transmitter output for UART3. Table 3. Pin description …continued Symbol Pin Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |