Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA199B2DCKT Datasheet(PDF) 21 Page - Texas Instruments

Part # INA199B2DCKT
Description  INA199 26-V, Bidirectional, Zero-Drift, Low- or High-Side, Voltage-Output, Current-Shunt Monitor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA199B2DCKT Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA199B2DCKT Datasheet HTML 17Page - Texas Instruments INA199B2DCKT Datasheet HTML 18Page - Texas Instruments INA199B2DCKT Datasheet HTML 19Page - Texas Instruments INA199B2DCKT Datasheet HTML 20Page - Texas Instruments INA199B2DCKT Datasheet HTML 21Page - Texas Instruments INA199B2DCKT Datasheet HTML 22Page - Texas Instruments INA199B2DCKT Datasheet HTML 23Page - Texas Instruments INA199B2DCKT Datasheet HTML 24Page - Texas Instruments INA199B2DCKT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
9 Power Supply Recommendations
The input circuitry of the INA199 can accurately measure beyond its power-supply voltage, V+. For example,
the V+ power supply can be 5 V, whereas the load power-supply voltage can be as high as 26 V. However, the
output voltage range of the OUT pin is limited by the voltages on the power-supply pin. Also, the INA199 can
withstand the full input signal range up to 26-V range in the input pins, regardless of whether the device has
power applied or not.
10 Layout
10.1 Layout Guidelines
• Connect the input pins to the sensing resistor using a kelvin or 4-wire connection. This connection technique
ensures that only the current-sensing resistor impedance is detected between the input pins. Poor routing of
the current-sensing resistor commonly results in additional resistance present between the input pins. Given
the very low ohmic value of the current resistor, any additional high-current carrying impedance can cause
significant measurement errors.
• Place the power-supply bypass capacitor as close as possible to the supply and ground pins. TI recommends
using a bypass capacitor with a value of 0.1 μF. Additional decoupling capacitance can be added to
compensate for noisy or high-impedance power supplies.
10.2 Layout Example
Supply Bypass
Capacitor
VIA to Power or
Ground Plane
VIA to Ground Plane
Supply
Voltage
Output Signal
Trace
Copyright © 2017, Texas Instruments Incorporated
Figure 10-1. Recommended Layout
www.ti.com
INA199
SBOS469H – APRIL 2009 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com