Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA199B2DCKT Datasheet(PDF) 7 Page - Texas Instruments

Part # INA199B2DCKT
Description  INA199 26-V, Bidirectional, Zero-Drift, Low- or High-Side, Voltage-Output, Current-Shunt Monitor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA199B2DCKT Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA199B2DCKT Datasheet HTML 3Page - Texas Instruments INA199B2DCKT Datasheet HTML 4Page - Texas Instruments INA199B2DCKT Datasheet HTML 5Page - Texas Instruments INA199B2DCKT Datasheet HTML 6Page - Texas Instruments INA199B2DCKT Datasheet HTML 7Page - Texas Instruments INA199B2DCKT Datasheet HTML 8Page - Texas Instruments INA199B2DCKT Datasheet HTML 9Page - Texas Instruments INA199B2DCKT Datasheet HTML 10Page - Texas Instruments INA199B2DCKT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
6.6 Typical Characteristics
performance measured with the INA199A3 at TA = 25°C, VS = 5 V, VIN+ = 12 V, and VREF = VS / 2 (unless otherwise noted)
Temperature( C)
°
20
15
10
5
0
5
10
15
20
-
-
-
-
-
50
-
25
125
0
25
50
75
100
Figure 6-1. Offset Voltage vs Temperature
Temperature( C)
°
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
-
-
-
-
-
-50
-25
125
0
25
50
75
100
Figure 6-2. Common-Mode Rejection Ratio vs Temperature
Frequency (Hz)
70
60
50
40
30
20
10
0
10
-
10
100
10M
1k
10k
100k
1M
V
= 0V
V
= 15mV
Sine
CM
DIF
PP
G = 50
G = 200
G = 100
Figure 6-3. Gain vs Frequency
Frequency (Hz)
160
140
120
100
80
60
40
20
0
1
10
100k
V = 5 V + 250-mV sine disturbance
S
V
= 0 V
CM
V
= Shorted
DIF
V
= 2.5 V
REF
100
1k
10k
Figure 6-4. Power-Supply Rejection Ratio vs Frequency
Frequency(Hz)
160
140
120
100
80
60
40
20
0
1
10
1M
100
1k
10k
100k
V =+5V
V
=1VSine
V
=Shorted
V
=2.5V
S
CM
DIF
REF
Figure 6-5. Common-Mode Rejection Ratio vs Frequency
V+
(V+)
0.5
-
(V+)
1.0
-
(V+)
1.5
-
(V+)
2.0
-
(V+)
2.5
-
(V+)
3.0
-
GND+3.0
GND+2.5
GND+2.0
GND+1.5
GND+1.0
GND+0.5
GND
0
5
10
15
20
OutputCurrent(mA)
25
30
35
40
V =2.7V
S
to26V
V =2.7Vto26V
S
V =5Vto26V
S
V =2.7V
S
T = 40 C
-
°
A
T =+25 C
°
A
T =+105 C
°
A
Figure 6-6. Output Voltage Swing vs Output Current
www.ti.com
INA199
SBOS469H – APRIL 2009 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com