Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-TDA7385 Datasheet(PDF) 1 Page - STMicroelectronics

Part # E-TDA7385
Description  4 x 42 W quad bridge car radio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TDA7385 Datasheet(HTML) 1 Page - STMicroelectronics

  E-TDA7385 Datasheet HTML 1Page - STMicroelectronics E-TDA7385 Datasheet HTML 2Page - STMicroelectronics E-TDA7385 Datasheet HTML 3Page - STMicroelectronics E-TDA7385 Datasheet HTML 4Page - STMicroelectronics E-TDA7385 Datasheet HTML 5Page - STMicroelectronics E-TDA7385 Datasheet HTML 6Page - STMicroelectronics E-TDA7385 Datasheet HTML 7Page - STMicroelectronics E-TDA7385 Datasheet HTML 8Page - STMicroelectronics E-TDA7385 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
September 2013
Doc ID 8160 Rev 6
1/17
1
TDA7385
4 x 42 W quad bridge car radio amplifier
Datasheet
 production data
Features
■ High output power capability:
– 4 x 42 W / 4
 max.
– 4 x 23 W / 4
 @ 14.4 V, 1 kHz, 10 %
■ Clipping detector
■ Low distortion
■ Low output noise
■ Standby function
■ Mute function
■ Automute at min. supply voltage detection
■ Diagnostics facility for:
– Clipping
– Out to GND short
– Out to VS short
– Thermal shutdown
■ Low external component count:
– Internally fixed gain (26 dB)
– No external compensation
– No bootstrap capacitors
■ Protections:
– Output short circuit to GND, to VS, across
the load
– Very inductive loads
– Overrating chip temperature with soft
thermal limiter
– Load dump voltage
– Fortuitous open GND
– Reversed battery
– ESD
Description
The TDA7385 is an AB class audio power
amplifier, packaged in Flexiwatt 25 and designed
for high end car radio applications.
Based on a fully complementary PNP/NPN
configuration, the TDA7385 allows a rail to rail
output voltage swing with no need of bootstrap
capacitors. The extremely reduced boundary
components count allows very compact sets.
The on-board clipping detector simplifies gain
compression operations. The fault diagnostics
makes it possible to detect mistakes during car-
radio assembly and wiring in the car.
Flexiwatt25
Table 1.
Device summary
Order code
Package
Packing
TDA7385
Flexiwatt25
Tube
E-TDA7385(1)
1.
Device in ECOPACK® package (see Section 4: Package information on page 15).
Flexiwatt25
Tube
www.st.com


Similar Part No. - E-TDA7385

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
E-TDA7348D STMICROELECTRONICS-E-TDA7348D Datasheet
220Kb / 20P
Digitally controlled audio processor
26-Jan-2007
E-TDA7348D013TR STMICROELECTRONICS-E-TDA7348D013TR Datasheet
220Kb / 20P
Digitally controlled audio processor
26-Jan-2007
E-TDA7375AV STMICROELECTRONICS-E-TDA7375AV Datasheet
442Kb / 20P
2 x 37 W dual/quad power amplifier for car radio
16-Sep-2013
E-TDA7375V STMICROELECTRONICS-E-TDA7375V Datasheet
299Kb / 15P
2 x 35W dual/quad power amplifier for car radio
E-TDA7377 STMICROELECTRONICS-E-TDA7377 Datasheet
254Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-1998
More results

Similar Description - E-TDA7385

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
4 x 42W quad bridge car radio amplifier
06-Dec-2007
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
TDA7560A STMICROELECTRONICS-TDA7560A Datasheet
207Kb / 15P
4 x 45 W quad bridge car radio amplifier
07-Nov-2008
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
4 x 41 W quad bridge car radio amplifier
18-Sep-2013
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
4 x 51 W quad bridge car radio amplifier
16-Sep-2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
4 x 45 W Quad bridge car radio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com