Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-TDA7385 Datasheet(PDF) 16 Page - STMicroelectronics

Part # E-TDA7385
Description  4 x 42 W quad bridge car radio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TDA7385 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button E-TDA7385 Datasheet HTML 9Page - STMicroelectronics E-TDA7385 Datasheet HTML 10Page - STMicroelectronics E-TDA7385 Datasheet HTML 11Page - STMicroelectronics E-TDA7385 Datasheet HTML 12Page - STMicroelectronics E-TDA7385 Datasheet HTML 13Page - STMicroelectronics E-TDA7385 Datasheet HTML 14Page - STMicroelectronics E-TDA7385 Datasheet HTML 15Page - STMicroelectronics E-TDA7385 Datasheet HTML 16Page - STMicroelectronics E-TDA7385 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Revision history
TDA7385
16/17
Doc ID 8160 Rev 6
5
Revision history
Table 5.
Document revision history
Date
Revision
Changes
10-Mar-2001
1
Initial release.
13-Nov-2008
2
Document reformatted.
Added Features on page 1.
Updated Table 4: Electrical characteristics on page 6.
Updated Section 4: Package information on page 15.
09-Jan-2012
3
Modified Features on page 1;
Updated Table 4: Electrical characteristics.
14-Jun-2012
4
Updated Features on page 1;
Updated Table 4: Electrical characteristics.
26-Jul-2012
5
Updated Figure 17: Diagnostics waveforms on page 14.
16-Sep-2013
6
Updated Disclaimer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com