Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7301IM5/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM7301IM5/NOPB
Description  LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7301IM5/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM7301IM5/NOPB Datasheet HTML 10Page - Texas Instruments LM7301IM5/NOPB Datasheet HTML 11Page - Texas Instruments LM7301IM5/NOPB Datasheet HTML 12Page - Texas Instruments LM7301IM5/NOPB Datasheet HTML 13Page - Texas Instruments LM7301IM5/NOPB Datasheet HTML 14Page - Texas Instruments LM7301IM5/NOPB Datasheet HTML 15Page - Texas Instruments LM7301IM5/NOPB Datasheet HTML 16Page - Texas Instruments LM7301IM5/NOPB Datasheet HTML 17Page - Texas Instruments LM7301IM5/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
+
±
LM7301
Output
Snubber
Network
CC
100 pF
RC
100
Ÿ
Copyright © 2016, Texas Instruments Incorporated
V
+
OUT
VHZ
Ccomp
V
-
-
+
Copyright © 2016, Texas Instruments Incorporated
14
LM7301
SNOS879I – AUGUST 1999 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM7301
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Feature Description (continued)
7.2.5 Low-Distortion, High-Output Drive Capability
The LM7301 offers superior low-distortion performance, with a total-harmonic-distortion-plus-noise of 0.06% at f
= 10 kHz. The advantage offered by the LM7301 is its low distortion levels, even at high output current and low
load resistance. See Stability Considerations for methods used to ensure stability under all load conditions.
7.3 Device Functional Modes
7.3.1 Stability Considerations
Rail-to-rail output amplifiers like the LM7301 use the collector of the drive transistor(s) at the output pin, as
shown in Figure 25. This allows the load to be driven as close as possible towards either supply rail.
Figure 25. Simplified Output Stage Block Diagram
While this architecture maximizes the load voltage swing range, it increases the dependence of loop gain and
subsequently stability, on load impedance and DC load current, compared to a non-rail-to-rail architecture. Thus,
with this type of output stage, it is even more crucial to ensure stability by meticulous bench verification under all
load conditions, and to apply the necessary compensation or circuit modifications to overcome any instability, if
necessary. Any such bench verification should also include temperature, supply voltage, input common mode
and output bias point variations as well as capacitive loading.
For example, one set of conditions for which stability of the LM7301 amplifier may be compromised is when the
DC output load is larger than ±0.5 mA, with input and output biased to mid-rail. Under such conditions, it may be
possible to observe open-loop gain response peaking at a high frequency (for example, 200 MHz), which is
beyond the expected frequency range of the LM7301 (4 MHz GBW). Without taking any precautions against gain
peaking, it is possible to see increased settling time or even oscillations, especially with low closed loop gain and
/ or light AC loading. It is possible to reduce or eliminate this gain peaking by using external compensation
components. One possible scheme that can be applied to reduce or eliminate this gain peaking is shown in
Figure 26.
Figure 26. Non-Dissipating Snubber Network to Reduce Gain Peaking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com