Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM76005 Datasheet(PDF) 28 Page - Texas Instruments

Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 24Page - Texas Instruments LM76005 Datasheet HTML 25Page - Texas Instruments LM76005 Datasheet HTML 26Page - Texas Instruments LM76005 Datasheet HTML 27Page - Texas Instruments LM76005 Datasheet HTML 28Page - Texas Instruments LM76005 Datasheet HTML 29Page - Texas Instruments LM76005 Datasheet HTML 30Page - Texas Instruments LM76005 Datasheet HTML 31Page - Texas Instruments LM76005 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
Equation 26 yields a value of 315 kΩ. The resulting falling UVLO threshold, can be calculated by Equation 27,
where EN falling threshold (VENL) is 0.99 V (typical).
VIN-UVLO-FALLING = VENL × (RENB + RENT) / RENB
(27)
8.2.2.13 PGOOD
A typical pullup resistor value is 10 kΩ to 100 kΩ from the PGOOD pin to a voltage no higher than 18 V. If it is
desired to pull up the PGOOD pin to a voltage higher than 18 V, a resistor can be added from the PGOOD pin to
ground to divide the voltage detected by the PGOOD pin to a value no higher than 18 V.
8.2.2.14 Synchronization
The LM76005 switching action can synchronize to an external clock from 200 kHz to 500 kHz. TI recommends
connecting an external clock to the SYNC pin with a 50-Ω to 100-Ω termination resistor. Ground the SYNC pin if
not used.
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
www.ti.com
28
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com