Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM76005 Datasheet(PDF) 32 Page - Texas Instruments

Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 28Page - Texas Instruments LM76005 Datasheet HTML 29Page - Texas Instruments LM76005 Datasheet HTML 30Page - Texas Instruments LM76005 Datasheet HTML 31Page - Texas Instruments LM76005 Datasheet HTML 32Page - Texas Instruments LM76005 Datasheet HTML 33Page - Texas Instruments LM76005 Datasheet HTML 34Page - Texas Instruments LM76005 Datasheet HTML 35Page - Texas Instruments LM76005 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
VOUT
PGOOD
(2 A/DIV)
Time (4 ms/DIV)
IINDUCTOR
(2 V/DIV)
(2 V/DIV)
Enable
(2 V/DIV)
VIN = 12 V
VOUT = 5 V
fSW = 400 kHz
No Load
Auto Mode
Figure 8-22. LM76005 Start-up With Pre-Biased
Output
VOUT
PGOOD
(2 A/DIV)
Time (4 ms/DIV)
IINDUCTOR
(2 V/DIV)
(2 V/DIV)
Enable
(2 V/DIV)
VIN = 24V
VOUT = 5 V
fSW = 400 kHz
No Load
Auto Mode
Figure 8-23. LM76005 Start-up With Pre-Biased
Output
VOUT
VSW
(2 A/DIV)
Time (40 ms/DIV)
IINDUCTOR
(1 V/DIV)
(5 V/DIV)
VIN = 12 V
VOUT = 5 V
fSW = 400 kHz
Auto Mode
Figure 8-24. LM76005 Short-Circuit Behavior With
Hiccup
VOUT
VSW
(2 A/DIV)
Time (40 ms/DIV)
IINDUCTOR
(1 V/DIV)
(10 V/DIV)
VIN = 24 V
VOUT = 5 V
fSW = 400 kHz
Auto Mode
Figure 8-25. LM76005 Short-Circuit Behavior With
Hiccup
Peak Value
Average Value
LW_PK5
CB_PK5
LW_AV5
MW_PK5
MW_AV5
SW PK5
SW AV5
CB_AV5
Peak Limit
Average Limit
VIN = 13.5 V
VOUT = 5 V
fSW = 400 kHz
CFLT = 4 × 2.2 µF, LFLT = 1 µH
IOUT = 3.5 A
Figure 8-26. LM76005 Conducted EMI Result vs.
CISPR25 Limits - Low Frequency
VHF1-PK5
VHF2-PK5
TVI-PK5
FM-PK5
VHF1-AV5
VHF2-AV5
TVI-AV5
FM-AV5
Peak Value
Average Value
Peak Limit
Average Limit
VIN = 13.5 V
VOUT = 5 V
fSW = 400 kHz
CFLT = 4 × 2.2 µF, LFLT = 1 µH
IOUT = 3.5 A
Figure 8-27. LM76005 Conducted EMI Result vs.
CISPR25 Limits - High Frequency
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com