Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6484IM/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LMC6484IM/NOPB
Description  LMC648x CMOS Rail-to-Rail Input and Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC6484IM/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMC6484IM/NOPB Datasheet HTML 10Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 11Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 12Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 13Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 14Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 15Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 16Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 17Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
5.8 Typical Characteristics (continued)
at VS = 15V, single supply, and TA = 25°C (unless otherwise specified)
Figure 5-25. Gain and Phase vs Capacitive Load
Figure 5-26. Gain and Phase vs Capacitive Load
Figure 5-27. Slew Rate vs Supply Voltage
Figure 5-28. Noninverting Large Signal Pulse Response
Figure 5-29. Noninverting Large Signal Pulse Response
Figure 5-30. Noninverting Large Signal Pulse Response
LMC6482
LMC6484
SNOS674J – OCTOBER 1997 – REVISED SEPTEMBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC6482 LMC6484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com