Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6484IM/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LMC6484IM/NOPB
Description  LMC648x CMOS Rail-to-Rail Input and Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC6484IM/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMC6484IM/NOPB Datasheet HTML 17Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 18Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 19Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 20Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 21Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 22Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 23Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 24Page - Texas Instruments LMC6484IM/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
A two op amp instrumentation amplifier designed for a gain of 100V/V is shown in Figure 7-4. Low sensitivity
trimming is made for offset voltage, CMRR, and gain. Low cost and low power consumption are the main
advantages of this two op amp circuit. An alternative circuit with a gain of 10V/V with the RES11A is also
provided for this circuit in Figure 7-5.
Higher frequency and larger common-mode range applications are best facilitated by a three op amp
instrumentation amplifier.
VOUT
+
–
LMC648x
VIN
10k
50
+
–
LMC648x
10k
0.1%
9.95k
CMRR
Trim
10k ,
0.1%
10
Gain
Trim
191
VIN+
0.1%
Figure 7-4. Low Power, Two Op Amp Instrumentation Amplifier
9k
RES11A90-Q1
REF
1k
+
–
+
–
9k
1k
IN
IN+
OUT
LMC648x
LMC648x
Figure 7-5. Low Power, Two Op Amp Instrumentation Amplifier with RES11A
7.2 Typical Applications
7.2.1 3V Single-Supply Buffer Circuit
+
–
LMC648x
V
IN
V
OUT
3V
0.1μF
Figure 7-6. 3V Single-Supply Buffer Circuit
7.2.1.1 Design Requirements
For best performance, ensure that the input voltage swing is between V+ and V–.
Also, ensure that the input does not exceed the common-mode input voltage range.
To reduce the risk of destabilizing the output, use resistive isolation on the output when driving capacitive loads
(see Section 7.2.1.2).
When large feedback resistors are used, compensate for parasitic capacitance on the input, if necessary. See
Section 7.2.1.2.
www.ti.com
LMC6482
LMC6484
SNOS674J – OCTOBER 1997 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LMC6482 LMC6484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com