Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4041DILPR Datasheet(PDF) 10 Page - Texas Instruments

Part # LM4041DILPR
Description  LM4041 Precision Micropower Shunt Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4041DILPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4041DILPR Datasheet HTML 6Page - Texas Instruments LM4041DILPR Datasheet HTML 7Page - Texas Instruments LM4041DILPR Datasheet HTML 8Page - Texas Instruments LM4041DILPR Datasheet HTML 9Page - Texas Instruments LM4041DILPR Datasheet HTML 10Page - Texas Instruments LM4041DILPR Datasheet HTML 11Page - Texas Instruments LM4041DILPR Datasheet HTML 12Page - Texas Instruments LM4041DILPR Datasheet HTML 13Page - Texas Instruments LM4041DILPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
5.8 LM4041xI (Adjustable Version) Electrical Characteristics
full-range TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
LM4041DI
UNIT
MIN
TYP
MAX
VREF
Reference voltage
IZ = 100μA, VZ = 5V
25°C
1.233
V
Reference voltage tolerance(1)
IZ = 100μA, VZ = 5V
25°C
–12
12
mV
Full range
–24
24
IZ,min
Minimum cathode current
25°C
45
75
μA
Full range
80
ΔVREF/ΔIZ
Reference voltage change
with cathode current change
IZ,min < IZ < 1mA
25°C
0.7
2
mV
Full range
2.5
1mA < IZ < 12mA
25°C
2
6
Full range
8
ΔVREF/ΔVKA
Reference voltage change
with output voltage change
IZ = 1mA
25°C
–1.55
–2
mV/V
Full range
–3
IFB
Feedback current
25°C
60
150
nA
Full range
200
αVREF
Average temperature coefficient
of reference voltage(1)
IZ = 10mA, VZ = 5V
25°C
±20
ppm/°C
IZ = 1mA, VZ = 5V
25°C
±15
Full range
±150
IZ = 100μA, VZ = 5V
25°C
±15
ZZ
Reverse dynamic impedance
IZ = 1mA, f = 120Hz,
IAC = 0.1 IZ, VZ = VREF
25°C
0.3
Ω
IZ = 1mA, f = 120Hz,
IAC = 0.1 IZ, VZ = 10V
25°C
2
eN
Wideband noise
IZ = 100μA, VZ = VREF,
10Hz ≤ f ≤ 10kHz
25°C
20
μVRMS
Long-term stability
of reverse breakdown voltage
t = 1000 h,
TA = 25°C ± 0.1°C,
IZ = 100μA
25°C
120
ppm
(1)
Reference voltage tolerance and average temperature coefficient change with output voltage (VZ). See Typical Characteristics.
LM4041
SLCS146H – FEBRUARY 2005 – REVISED MARCH 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM4041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com