Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4041DILPR Datasheet(PDF) 13 Page - Texas Instruments

Part # LM4041DILPR
Description  LM4041 Precision Micropower Shunt Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4041DILPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4041DILPR Datasheet HTML 9Page - Texas Instruments LM4041DILPR Datasheet HTML 10Page - Texas Instruments LM4041DILPR Datasheet HTML 11Page - Texas Instruments LM4041DILPR Datasheet HTML 12Page - Texas Instruments LM4041DILPR Datasheet HTML 13Page - Texas Instruments LM4041DILPR Datasheet HTML 14Page - Texas Instruments LM4041DILPR Datasheet HTML 15Page - Texas Instruments LM4041DILPR Datasheet HTML 16Page - Texas Instruments LM4041DILPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
5.10 Typical Characteristics (continued)
1.2305
1.231
1.2315
1.232
1.2325
1.233
1.2335
1.234
1.2345
1.235
Temperature (5C)
−40
−20
0
20
40
60
80
100
LM4041 (Adj)
IZ = 1 mA
VREF
5 V
10 V
Figure 5-5. Reference Voltage vs Temperature (for Different
Reverse Voltages)
0
10
20
30
40
50
60
70
80
90
100
Reverse (Output) Voltage (V)
LM4041 (Adj)
IZ = 1 mA
0
2
4
6
8
10
1255C
855C
255C
−405C
Figure 5-6. Feedback Current vs Reverse (Output) Voltage (for
Different Temperatures)
0.1
1
10
100
1000
Frequency (Hz)
1k
100
10k
100k
1M
LM4041 (Adj)
IZ = 1 mA
D
IZ = 0.1 IZ
Tj = 255C
CL = 1 mF
CL = 0 mF
Capacitor
Line
1.23 V
2.5 V
5 V
10 V
Figure 5-7. Output Impedance vs Frequency
0.1
1
10
100
1000
LM4041 (Adj)
IZ = 150 mA
D
IZ = 0.1 IZ
Tj = 25°C
1k
100
10k
100k
1M
Frequency (Hz)
CL = 1 mF
CL = 0 mF
Capacitor
Line
1.23 V
2.5 V
5 V
10 V
Figure 5-8. Output Impedance vs Frequency
www.ti.com
LM4041
SLCS146H – FEBRUARY 2005 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM4041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com