Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPA001A Datasheet(PDF) 17 Page - STMicroelectronics

Part # STPA001A
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA001A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STPA001A Datasheet HTML 13Page - STMicroelectronics STPA001A Datasheet HTML 14Page - STMicroelectronics STPA001A Datasheet HTML 15Page - STMicroelectronics STPA001A Datasheet HTML 16Page - STMicroelectronics STPA001A Datasheet HTML 17Page - STMicroelectronics STPA001A Datasheet HTML 18Page - STMicroelectronics STPA001A Datasheet HTML 19Page - STMicroelectronics STPA001A Datasheet HTML 20Page - STMicroelectronics STPA001A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
DocID023043 Rev 7
17/26
STPA001
General information
25
4.2.3
Advanced battery management (hybrid vehicles)
In addition to compatibility with low Vbatt, the STPA001 is able to sustain upwards fast
battery transitions without causing unwanted audible effects, like pop noise, and without any
sound interruption thanks to the innovative circuit topology. In fact, in hybrid vehicles, the
engine ignition causes a fast increase of battery voltage which can reach 16 V in less than
10 ms.
Figure 23. Upwards fast battery transitions diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com