Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPA001A Datasheet(PDF) 20 Page - STMicroelectronics

Part # STPA001A
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA001A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STPA001A Datasheet HTML 16Page - STMicroelectronics STPA001A Datasheet HTML 17Page - STMicroelectronics STPA001A Datasheet HTML 18Page - STMicroelectronics STPA001A Datasheet HTML 19Page - STMicroelectronics STPA001A Datasheet HTML 20Page - STMicroelectronics STPA001A Datasheet HTML 21Page - STMicroelectronics STPA001A Datasheet HTML 22Page - STMicroelectronics STPA001A Datasheet HTML 23Page - STMicroelectronics STPA001A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
General information
STPA001
20/26
DocID023043 Rev 7
4.5
Heat sink definition
Assuming we have a maximum dissipated power of 26 W (e.g. in the worst case situation of
frequent clipping occurrence), considering Tj max is 150°C and assuming ambient
temperature is 70 °C, the available temperature gap for a correct dissipation is 80 °C.
This means the thermal resistance of the system RTh has to be 80 °C/26 W = 3 °C/W.
The junction to case thermal resistance is 1 °C/W. So the heat sink thermal resistance
should be approximately 2 °C/W. This would avoid any thermal shutdown occurrence even
after long-term and full-volume operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com