Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT Datasheet(PDF) 7 Page - Texas Instruments

Part # LMK05028RGCT
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMK05028RGCT Datasheet HTML 3Page - Texas Instruments LMK05028RGCT Datasheet HTML 4Page - Texas Instruments LMK05028RGCT Datasheet HTML 5Page - Texas Instruments LMK05028RGCT Datasheet HTML 6Page - Texas Instruments LMK05028RGCT Datasheet HTML 7Page - Texas Instruments LMK05028RGCT Datasheet HTML 8Page - Texas Instruments LMK05028RGCT Datasheet HTML 9Page - Texas Instruments LMK05028RGCT Datasheet HTML 10Page - Texas Instruments LMK05028RGCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VDD(2)
Core supply voltages
-0.3
3.6
V
VDDO(3)
Output supply voltages
-0.3
3.6
V
VIN
Input voltage range for clock and logic inputs
-0.3
VDD+0.3
V
VOUT_LOGIC
Output voltage range for logic outputs
-0.3
VDD+0.3
V
VOUT
Output voltage range for clock outputs
-0.3
VDDO+0.3
V
Tj
Junction temperature
150
°C
Tstg
Storage temperature range
-65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
VDD refers to all core supply pins or voltages. All VDD core supplies must be powered-on before the PDN is pulled high to trigger the
internal power-on reset (POR).
(3)
VDDO refers to all output supply pins or voltages. VDDO_x refers to the output supply for a specific output channel, where x denotes
the channel index.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
pins(2)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD(1)
Core supply voltages
3.135
3.3
3.465
V
VDDO_x(2)
Output supply voltage for AC-LVDS/CML/LVPECL or HCSL driver
1.71
1.8, 2.5, 3.3
3.465
V
VDDO_x(2)
Output supply voltage for 1.8-V LVCMOS driver(3)
1.71
1.8
1.89
V
VDDO_x(2)
Output supply voltage for 2.5-V LVCMOS driver(3)
2.375
2.5
2.625
V
VIN
Input voltage range for clock and logic inputs
0
3.465
V
TJ
Junction temperature
135
°C
tVDD
Power supply ramp time(4)
0.01
100
ms
nEEcyc
EEPROM program cycles(6)
100
cycles
SROUT
Output slew rate mode(5)
Fast
-
(1)
VDD refers to all core supply pins or voltages. All VDD core supplies must be powered-on before internal power-on reset (POR).
(2)
VDDO refers to all output supply pins or voltages. VDDO_x refers to the output supply for a specific output channel, where x denotes
the channel index.
(3)
The LVCMOS driver supports full rail-to-rail swing when VDDO_x is 1.8 V or 2.5 V ±5%. When VDDO_x is 3.3 V, the LVCMOS driver
does not fully swing to the positive rail due to the dropout voltage of the output channel's internal LDO regulator.
(4)
Time for VDD to ramp monotonically above 2.7 V for proper internal power-on reset. For slower or non-monotonic VDD ramp, hold
PDN low until after VDD voltages are valid.
(5)
Clock output characteristics are specified for all driver types with the output slew rate mode programmed to Fast. Some specifications
cannot be met with the output slew rate programmed to Nominal.
(6)
nEEcyc specifies the maximum EEPROM program cycles allowed for customer programming. The initial count of factory-programmed
cycles is non-zero due to production tests, but factory-programmed cycles are excluded from the nEEcyc limit. The total number of
EEPROM program cycles can be read from the 8-bit NVM count status register (NVMCNT), which automatically increments by 1 on
each successful programming cycle. TI does not ensure EEPROM endurance if the nEEcyc limit is exceeded by the customer.
www.ti.com
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com