Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK05028RGCT Datasheet(PDF) 72 Page - Texas Instruments

Part # LMK05028RGCT
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT Datasheet(HTML) 72 Page - Texas Instruments

Back Button LMK05028RGCT Datasheet HTML 68Page - Texas Instruments LMK05028RGCT Datasheet HTML 69Page - Texas Instruments LMK05028RGCT Datasheet HTML 70Page - Texas Instruments LMK05028RGCT Datasheet HTML 71Page - Texas Instruments LMK05028RGCT Datasheet HTML 72Page - Texas Instruments LMK05028RGCT Datasheet HTML 73Page - Texas Instruments LMK05028RGCT Datasheet HTML 74Page - Texas Instruments LMK05028RGCT Datasheet HTML 75Page - Texas Instruments LMK05028RGCT Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 94 page
background image
HW_SW_CTRL = 1
GPIO[3:0] = 0000b to 1111b
(Select ROM Page)
Start-up Mode?
(sample pin states)
Device Block
Configuration
Registers initialized from EEPROM/ROM (hard reset only).
I
2C/SPI, Control, Status pins activated.
All blocks reset to initial states.
Register and EEPROM programming available.
VCO Calibration
See DPLL Modes and
Input Selection
Flowcharts
EEPROM + I
2C
(Soft Pin) Mode
Power-On Reset
(POR)
0
PDN?
(Hard reset)
HW_SW_CTRL = 0
GPIO[2:1] = 00b to 11b
(Select I2C Addr.)
EEPROM + SPI
(Soft Pin) Mode
HW_SW_CTRL = Float
STATUS[1:0] = Float
1
ROM + I
2C
(Hard Pin) Mode
Outputs locked to XO frequency.
Outputs with DPLL auto-mute disabled are un-muted.
Outputs are auto-SYNCed if enabled.
Outputs muted
Soft reset
RESET_SW: 0
1
XO Detected
Input Monitoring (fastest to slowest detector):
1. Missing and/or Early clock detector
2. Amplitude or Slew rate detector
3. Frequency (ppm) detector
4. After enabled detectors are valid, validation timer
starts and must finish for input to be qualified.
TCXO Detected
TCXO-DPLL Locked
(Free-run from
TCXO)
Outputs locked to TCXO/OCXO frequency.
Skip step if 2-loop REF-DPLL mode is
configured (TCXO-DPLL is not used).
REF-DPLL
Lock Acquisition
APLL Locked
(Free-run from XO)
Ref. Input
Validation
REF-DPLL
Locked
Fastlock bandwidth temporarily asserted
during lock acquisition, if enabled.
Outputs locked to selected input clock frequency.
Outputs with DPLL auto-mute enabled are un-muted.
The configured DPLL loop bandwidth is asserted.
DPLL frequency- and phase-lock detectors are monitored.
If Zero-Delay Mode (ZDM) is enabled, output will have
deterministic input-to-output phase relationship.
TCXO-DPLL
DCO Mode control
available
2-loop TCXO-
DPLL mode
REF-DPLL modes
Device POR
Configuration Sequence
PLL Initialization Sequence
REF-DPLL
DCO Mode control
available (ZDM must be
disabled)
Valid Input Selected
CAL Done
Figure 8-1. Device Start-Up Sequence
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
www.ti.com
72
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com