Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC4245APW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC4245APW
Description  Octal dual supply translating transceiver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC4245APW Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC4245APW Datasheet HTML 1Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 2Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 3Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 4Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 5Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 6Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 7Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 8Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74LVC4245A_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 18 January 2008
2 of 17
NXP Semiconductors
74LVC4245A
Octal dual supply translating transceiver; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC4245AD
−40 °C to +125 °C
SO24
plastic small outline package; 24 leads;
body width 7.5 mm
SOT137-1
74LVC4245ADB
−40 °C to +125 °C
SSOP24
plastic shrink small outline package; 24 leads;
body width 5.3 mm
SOT340-1
74LVC4245APW
−40 °C to +125 °C
TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
74LVC4245ABQ
−40 °C to +125 °C
DHVQFN24
plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 24
terminals; body 3.5
× 5.5 × 0.85 mm
SOT815-1
Fig 1.
IEC Logic symbol
Fig 2.
Logic diagram
20
3
2
22
2
1
19
4
18
5
17
6
16
7
15
8
14
9
21
G3
3EN1
3EN2
10
mna452
3
2
DIR
21
22
B0
B1
B2
B3
B4
B5
B6
B7
4
20
5
19
6
18
7
17
8
16
9
15
10
A0
A1
A2
A3
A4
A5
A6
A7
14
OE
mna453



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com