Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC4245APW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC4245APW
Description  Octal dual supply translating transceiver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC4245APW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC4245APW Datasheet HTML 3Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 4Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 5Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 6Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 7Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 8Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 9Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 10Page - NXP Semiconductors 74LVC4245APW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74LVC4245A_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 18 January 2008
7 of 17
NXP Semiconductors
74LVC4245A
Octal dual supply translating transceiver; 3-state
[1]
All typical values are measured at VCCA = 5.0 V, VCCB = 3.3 V and Tamb =25 °C.
[2]
For transceivers, the parameter IOZ includes the input leakage current.
[3]
VCCB = 2.7 V to 3.6 V: other inputs at VCCB or GND.
VCCA = 4.5 V to 5.5 V: other inputs at VCCA or GND.
10. Dynamic characteristics
∆I
CC
additional supply current
per control pin; IO =0A
[3]
VCCB = 2.7 V to 3.6 V;
VI =VCCB − 0.6 V;
other inputs at VCCB or GND
-
-
5000
µA
VCCA = 4.5 V to 5.5 V;
VI =VCCA − 0.6 V;
other inputs at VCCA or GND
-
-
5000
µA
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). VCCA = 4.5 V to 5.5 V; tr = tf ≤ 2.5 ns. For test circuit see Figure 8.
Symbol Parameter
Conditions
VCCB
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tPHL
HIGH to LOW
propagation
delay
An to Bn;
see Figure 6
2.7 V
1.0
3.6
6.3
1.0
8.0
ns
3.0 V to 3.6 V
1.0
3.3
6.3
1.0
8.0
ns
Bn to An;
see Figure 6
2.7 V
1.0
3.4
6.1
1.0
8.0
ns
3.0 V to 3.6 V
1.0
3.4
6.1
1.0
8.0
ns
tPLH
LOW to HIGH
propagation
delay
An to Bn;
see Figure 6
2.7 V
1.0
3.3
6.7
1.0
8.5
ns
3.0 V to 3.6 V
1.0
2.8
6.5
1.0
8.5
ns
Bn to An;
see Figure 6
2.7 V
1.0
3.0
5.0
1.0
6.5
ns
3.0 V to 3.6 V
1.0
3.0
5.0
1.0
6.5
ns
tPZL
OFF-state to
LOW
propagation
delay
OE to An;
see Figure 7
2.7 V
1.0
4.5
9.0
1.0
11.5
ns
3.0 V to 3.6 V
1.0
4.5
9.0
1.0
11.5
ns
OE to Bn;
see Figure 7
2.7 V
1.0
4.4
8.7
1.0
11.0
ns
3.0 V to 3.6 V
1.0
3.8
8.1
1.0
10.5
ns
tPZH
OFF-state to
HIGH
propagation
delay
OE to An;
see Figure 7
2.7 V
1.0
4.5
8.1
1.0
10.5
ns
3.0 V to 3.6 V
1.0
4.5
8.1
1.0
10.5
ns
OE to Bn;
see Figure 7
2.7 V
1.0
4.3
8.7
1.0
11.0
ns
3.0 V to 3.6 V
1.0
3.2
8.1
1.0
10.5
ns
tPLZ
LOW to
OFF-state
propagation
delay
OE to An;
see Figure 7
2.7 V
1.0
2.9
7.0
1.0
9.0
ns
3.0 V to 3.6 V
1.0
2.9
7.0
1.0
9.0
ns
OE to Bn;
see Figure 7
2.7 V
1.0
3.9
7.7
1.0
10.0
ns
3.0 V to 3.6 V
1.0
3.5
7.7
1.0
10.0
ns
tPHZ
HIGH to
OFF-state
propagation
delay
OE to An;
see Figure 7
2.7 V
1.0
2.8
5.8
1.0
7.5
ns
3.0 V to 3.6 V
1.0
2.8
5.8
1.0
7.5
ns
OE to Bn;
see Figure 7
2.7 V
1.0
3.3
7.8
1.0
10.0
ns
3.0 V to 3.6 V
1.0
2.9
7.8
1.0
10.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com