Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342ID Datasheet(PDF) 16 Page - Texas Instruments

Part # LMV342ID
Description  LMV34x Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV342ID Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMV342ID Datasheet HTML 12Page - Texas Instruments LMV342ID Datasheet HTML 13Page - Texas Instruments LMV342ID Datasheet HTML 14Page - Texas Instruments LMV342ID Datasheet HTML 15Page - Texas Instruments LMV342ID Datasheet HTML 16Page - Texas Instruments LMV342ID Datasheet HTML 17Page - Texas Instruments LMV342ID Datasheet HTML 18Page - Texas Instruments LMV342ID Datasheet HTML 19Page - Texas Instruments LMV342ID Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
LMV34x devices have rail-to-rail output and input range from ground to VCC – 1V. CMOS inputs provide very
low input current. Shutdown capability is an option in dual amplifier version. Operation from 2.5V to 5.5V is
possible.
7.2 Typical Application
A typical application for an operational amplifier in an inverting amplifier. This amplifier takes a positive voltage
on the input, and makes it a negative voltage of the same magnitude. In the same manner, it also makes
negative voltages positive.
Vsup+
+
VOUT
RF
VIN
RI
Vsup-
Figure 7-1. Application Schematic
7.2.1 Design Requirements
The supply voltage must be larger than the input voltage range and output range. For instance, this application
scales a signal of ±0.5V to ±1.8 V. Setting the supply at ± 2V is sufficient to accommodate this application. The
supplies can power up in any order; however, neither supply can be of opposite polarity relative to ground at any
time; otherwise, a large current can flow though the input ESD diodes. To limit current in such an occurrence, TI
highly recommends adding a series resistor to the grounded input. Vsup+ must be more positive than Vsup– at
all times; otherwise, a large reverse supply current can flow.
7.2.2 Detailed Design Procedure
Determine the gain required by the inverting amplifier using Equation 1 and Equation 2.
V
VOUT
A
VIN
(1)
V
1.8
A
3.6
0.5
(2)
Once the desired gain is determined, choose a value for RI or RF. Choosing a value in the kΩ range is desirable
because the amplifier circuit uses currents in the mA range. This makes sure the part does not draw too
much current. For this example, choose 10kΩ for RI, which means 36kΩ is used for RF. This is determined by
Equation 3.
V
RF
A
RI
(3)
LMV341, LMV342, LMV344
SLOS447J – SEPTEMBER 2004 – REVISED JUNE 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMV341 LMV342 LMV344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com