Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342ID Datasheet(PDF) 6 Page - Texas Instruments

Part # LMV342ID
Description  LMV34x Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV342ID Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV342ID Datasheet HTML 2Page - Texas Instruments LMV342ID Datasheet HTML 3Page - Texas Instruments LMV342ID Datasheet HTML 4Page - Texas Instruments LMV342ID Datasheet HTML 5Page - Texas Instruments LMV342ID Datasheet HTML 6Page - Texas Instruments LMV342ID Datasheet HTML 7Page - Texas Instruments LMV342ID Datasheet HTML 8Page - Texas Instruments LMV342ID Datasheet HTML 9Page - Texas Instruments LMV342ID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
5.5 Electrical Characteristics: V+ = 2.7V
V+ = 2.7V, GND = 0V, VIC = VO = V+/2, RL > 1MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP(1)
MAX
UNIT
VIO
Input offset voltage
25°C
0.25
4
mV
Full range
4.5
αVIO
Average temperature coefficient of
input offset voltage
Full range
1.7
μV/°C
IIB
Input bias current
25°C
1
120
pA
–40°C to 85°C
250
–40°C to 125°C
3
nA
IIO
Input offset current
25°C
6.6
fA
CMRR
Common-mode rejection ratio
0 ≤ VICR ≤ 1.7V
25°C
56
80
dB
0 ≤ VICR ≤ 1.6V
Full range
50
kSVR
Supply-voltage rejection ratio
2.7V ≤ V+ ≤ 5V
25°C
65
82
dB
Full range
60
VICR
Common-mode input voltage range
Lower range, CMRR ≥ 50dB
25°C
–0.2
0
V
Upper range, CMRR ≥ 50dB
25°C
1.7
1.9
AV
Large-signal voltage gain(2)
RL = 10kΩ to 1.35V
25°C
78
113
dB
Full range
70
RL = 2kΩ to 1.35V
25°C
72
103
Full range
64
VO
Output swing
(delta from supply rails)
RL = 2kΩ to 1.35V
Low level
25°C
24
60
mV
Full range
95
High level
25°C
26
60
Full range
95
RL = 10kΩ to 1.35V
Low level
25°C
5
30
Full range
40
High level
25°C
5.3
30
Full range
40
ICC
Supply current (per channel)
25°C
150
200
μA
Full range
230
IOS
Output short-circuit current
Sourcing
LMV341,
LMV342
25°C
20
32
mA
LMV344
18
24
Sinking
15
24
SR
Slew rate
RL = 10kΩ(3)
25°C
1
V/μs
GBM
Unity-gain bandwidth
RL = 10kΩ, CL = 200pF
25°C
1
MHz
Φm
Phase margin
RL = 100kΩ
25°C
72
°
Gm
Gain margin
RL = 100kΩ
25°C
20
dB
Vn
Equivalent input noise voltage
f = 1kHz
25°C
40
nV/√ Hz
In
Equivalent input noise current
f = 1kHz
25°C
0.001
pA/√ Hz
THD
Total harmonic distortion
f = 1kHz, AV = 1,
RL = 600Ω, VI = 1 VPP
25°C
0.017%
(1)
Typical values represent the most likely parametric norm.
(2)
GND + 0.2V ≤ VO ≤ V+ – 0.2V
(3)
Connected as voltage follower with 2VPP step input. Number specified is the slower of the positive and negative slew rates.
LMV341, LMV342, LMV344
SLOS447J – SEPTEMBER 2004 – REVISED JUNE 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMV341 LMV342 LMV344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com