Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG114AIRGVT Datasheet(PDF) 18 Page - Texas Instruments

Part # LOG114AIRGVT
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114AIRGVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button LOG114AIRGVT Datasheet HTML 14Page - Texas Instruments LOG114AIRGVT Datasheet HTML 15Page - Texas Instruments LOG114AIRGVT Datasheet HTML 16Page - Texas Instruments LOG114AIRGVT Datasheet HTML 17Page - Texas Instruments LOG114AIRGVT Datasheet HTML 18Page - Texas Instruments LOG114AIRGVT Datasheet HTML 19Page - Texas Instruments LOG114AIRGVT Datasheet HTML 20Page - Texas Instruments LOG114AIRGVT Datasheet HTML 21Page - Texas Instruments LOG114AIRGVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Equation 6 represents the sum of all the individual components of error normally associated with the log amp
when operating in the current input mode. The worst-case error for any given ratio of I1/I2 is the largest of the two
errors when I1 and I2 are considered separately. Temperature can also affect total error.
7.1.7.3 Errors RTO and RTI
As with any transfer function, errors generated by the function may be Referred-to-Output (RTO) or Referred-to-
Input (RTI). Log amps have a unique property that the error voltage at the output corresponds to a constant
percentage of the input, regardless of the actual input level.
7.1.7.4 Log Conformity
For the LOG114, log conformity is calculated in the same way as linearity and is plotted as I1/I2 on a semilog
scale. In many applications, log conformity is the most important specification. This condition is true because
bias current errors are negligible (5pA for the LOG114), and the scale factor and offset errors may be trimmed to
zero or removed by system calibration. These factors leave log conformity as the major source of error.
Log conformity is defined as the peak deviation from the best fit straight line of the VLOGOUT versus log(I1/I2)
curve. Log conformity is then expressed as a percent of ideal full−scale output. Thus, the nonlinearity error
expressed in volts over m decades is:
VLOGOUT nonlinear =0.375 Vdecade×2Nm
(7)
where
• N is the log conformity error, in percent
7.1.7.5 Individual Error Components
The ideal transfer function with current input is:
VLOGOUT IDEAL =0.375×log I1I2
(8)
The actual transfer function with the major components of error is:
VLOGOUT actual =0.375× 1±ΔK ×log I1I2 ±2Nm±VOSO
(9)
where:
• ΔK = gain error (0.4%, typical, as specified in the Electrical Characteristics table)
• IB1 = bias current of A1 (5pA, typical)
• IB2 = bias current of A2 (5pA, typical)
• m = number of decades over which the log conformity error is specified
• N = log conformity error (0.1%, typical for m = 5 decades; 0.9% typical for m = 7.5 decades)
• VOSO = output offset voltage (11mV, typical for ±5V supplies; 14mV, typical for +5V supplies)
To determine the typical error resulting from these error components, first compute the ideal output. Then
calculate the output again, this time including the individual error components. Then use Equation 10 to
determine the error in percent:
%error= VLOGOUT ideal −VLOGOUT typical
VLOGOUT ideal
×100%
(10)
For example, in a system configured for measurement of five decades, with I1 = 1mA, and I2 = 10μA:
VLOGOUT ideal =0.375×log 10−310−5 =0.75V
(11)
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com