Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG114AIRGVT Datasheet(PDF) 12 Page - Texas Instruments

Part # LOG114AIRGVT
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114AIRGVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button LOG114AIRGVT Datasheet HTML 8Page - Texas Instruments LOG114AIRGVT Datasheet HTML 9Page - Texas Instruments LOG114AIRGVT Datasheet HTML 10Page - Texas Instruments LOG114AIRGVT Datasheet HTML 11Page - Texas Instruments LOG114AIRGVT Datasheet HTML 12Page - Texas Instruments LOG114AIRGVT Datasheet HTML 13Page - Texas Instruments LOG114AIRGVT Datasheet HTML 14Page - Texas Instruments LOG114AIRGVT Datasheet HTML 15Page - Texas Instruments LOG114AIRGVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
6 Detailed Description
6.1 Overview
The LOG114 is specifically designed for measuring low-level and wide dynamic range currents in
communications, lasers, medical, and industrial systems. The device computes the logarithm or log-ratio of
an input current or voltage relative to a reference current or voltage (logarithmic transimpedance amplifier).
High precision is designed for over a wide dynamic range of input signals on either bipolar (±5V) or single
(5V) supply. Special temperature drift compensation circuitry is included on-chip. In log-ratio applications, the
signal current can be from a high impedance source such as a photodiode or resistor in series with a low
impedance voltage source. The reference current is provided by a resistor in series with a precision internal
voltage reference, photo diode, or active current source.
The output signal at VLOGOUT has a scale factor of 0.375V/decade of input current, which limits the output so
that the output signal fits within a 5V or 10V range. The output can be digitized directly, or scaled and offset with
one of the available additional amplifiers, to match a wide variety of ADC input ranges. Stable DC performance
allows accurate measurement of low-level signals over a wide temperature range. The LOG114 is specified over
a −5°C to 75°C temperature range and can operate from −40°C to 85°C.
6.2 Functional Block Diagram
I1
I2
Logarithmic
Amplifier (A1)
VCM IN
Logarithmic
Amplifier (A2)
VCM
Difference
Amplifier (A3)
Auxiliary
Amplifier (A4)
COM
VLOGOUT
VO4
+IN4
–IN4
Voltage
Reference
VREF
Auxiliary
Amplifier (A5)
+IN5
VO5
–IN5
6.3 Feature Description
6.3.1 Logarithmic and Difference Amplifier
The LOG114 uses two matched logarithmic amplifiers (A1 and A2 with logging diodes in the feedback loops) to
generate the outputs log (I1) and log (I2), respectively. The gain of 6.25 differential amplifier (A3) subtracts the
output of A2 from the output of A1, resulting in [log(I1) − log(I2)], or log(I1/I2). The symmetrical design of the A1
and A2 logarithmic amps allows I1 and I2 to be used interchangeably, and provides good bandwidth and phase
characteristics with frequency.
6.3.2 COM Voltage Range
The voltage on the COM pin is used to bias the differential amplifier, A3, within its linear range. This voltage can
provide an asymmetrical offset of the VLOGOUT voltage.
6.3.3 VCM IN
The VCM IN pin is used to bias the A1 and A2 amplifiers into their common-mode input voltage range, (V−) + 1.5V
to (V+) − 1.5V.
6.3.4 Auxiliary Operational Amplifier
The LOG114 features two additional wide bandwidth amplifiers, A4 and A5. These amplifiers are for use to
support functions such as single-ended to differential conversion, or single-ended gain, scaling, offsetting,
threshold detection, filtering, or other functions.
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com