Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG114AIRGVT.B Datasheet(PDF) 17 Page - Texas Instruments

Part # LOG114AIRGVT.B
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114AIRGVT.B Datasheet(HTML) 17 Page - Texas Instruments

Back Button LOG114AIRGVT.B Datasheet HTML 13Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 14Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 15Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 16Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 17Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 18Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 19Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 20Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
of input voltage. This limitation exists because of the magnitude of the required input voltage and size of the
corresponding series resistor. For 10nA of input current, a 10V voltage source and a 1GΩ resistor are required.
Voltage and current noise from these sources must be considered and can limit the usefulness of this technique.
7.1.6 High-Current Linearity Correction
The LOG114 is capable of handling a wide dynamic range of currents, from less than 100pA in a carefully
designed PCB to 10mA in high-current applications. The LOG114 was designed for high speeds, therefore the
transistors that provide feedback around amplifiers A1 and A2 within the LOG114 have a small series resistance,
RS. This small series resistance causes a deviation from the LOG114 transfer function at input currents that
exceed approximately 1mA. The modified equation for VLOGOUT that shows this deviation and is given in
Equation 5.
VLOGOUT=0.375×log I1I2 +I1×RS+2
(5)
The high-current linearity correction circuit (refer to Figure 7-7) creates an error signal that is proportional to input
current I1 by using R2, R3 and R4, and amplifier A5. Resistor R1 is used to properly level-shift the resulting output
signal. The signal at the output from amplifier A5 is then coupled to the input of amplifier A4 in a manner that
subtracts the error signal from the output, VLOGOUT.
A
1
+
–
A
3
+
–
A
2
+
–
I2
I1
VCM IN
COM
A
4
+
–
VO4
–IN4
+IN4
V+
VREF GND
I2
I1
LOG114
VLOGOUT
REF
VREF
A
5
–
+
VO5
+IN5
–IN5
V–
3
IPhotodiode
R1
1k
R3
5k
R4
21.5k
VBIAS
(from the Level Shifter)
R2
VERR
Figure 7-7. High-Current Linearity Correction Circuit
7.1.7 Error Sources
7.1.7.1 Accuracy
Accuracy considerations for a log ratio amplifier are somewhat more complicated than for other amplifiers. This
complexity exists because the transfer function is nonlinear and has two inputs, each of which can vary over a
wide dynamic range. The accuracy for any combination of inputs is determined from the total error specification.
7.1.7.2 Total Error
The total error is the deviation of the actual output from the ideal output. Thus:
VLOGOUT actual =VLOGOUT ideal ±Total_Error
(6)
www.ti.com
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com