Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG114AIRGVT.B Datasheet(PDF) 10 Page - Texas Instruments

Part # LOG114AIRGVT.B
Description  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114AIRGVT.B Datasheet(HTML) 10 Page - Texas Instruments

Back Button LOG114AIRGVT.B Datasheet HTML 6Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 7Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 8Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 9Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 10Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 11Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 12Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 13Page - Texas Instruments LOG114AIRGVT.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
5.7 Typical Characteristics: VS = ±5V (continued)
All specifications at TA = 25°C, VLOGOUT RL = 10kΩ, VCM = GND, unless otherwise noted. For AC measurements, small
signal means up to approximately 10% of DC level.
Figure 5-7. Average Total Error at 80°C
Figure 5-8. Average Total Error at 25°C
Figure 5-9. Average Total Error at −10°C
Figure 5-10. Small−Signal VLOGOUT
Figure 5-11. Small−Signal AC Response I1 (10% Sine
Modulation)
Figure 5-12. Small−Signal AC Response I2 (10% Sine
Modulation)
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com