Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

09087. Datasheet(PDF) 2 Page - DESCO INDUSTRIES INC

Part # 09087.
Description  WRIST STRAPS & COIL CORDS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DESCO [DESCO INDUSTRIES INC]
Direct Link  https://desco.descoindustries.com/
Logo DESCO - DESCO INDUSTRIES INC

09087. Datasheet(HTML) 2 Page - DESCO INDUSTRIES INC

  09087. Datasheet HTML 1Page - DESCO INDUSTRIES INC 09087. Datasheet HTML 2Page - DESCO INDUSTRIES INC 09087. Datasheet HTML 3Page - DESCO INDUSTRIES INC 09087. Datasheet HTML 4Page - DESCO INDUSTRIES INC 09087. Datasheet HTML 5Page - DESCO INDUSTRIES INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Web Site: www.desco.com • Phone: (909) 627-8178 • Fax: (909) 627-7449
6
WRIST STRAPS & COIL CORDS
See our products being
Made in America
on our web site:
www.desco.com/factory
ELASTIC ADJUSTABLE
WRIST STRAPS
09028
Band Only
09070
Band with 6' Black Coil Cord
09069
Band with 12' Black Coil Cord
09029
Elastic Replacement Strip
09031
Replacement Clasp Only
• Extra wide, soft elastic band
Increased wearer comfort
• Has silver impregnated nylon knitted on inside for
superior conductivity
Reliably removes generated static charges
• Adjustable
Only one item to stock; may be fitted to almost all people
• Locking clasp
Band locked so it will not slip
• Made in America
Circumference - 2.5" - 13"
Drawings 09028, 09480, and 14010, Technical Bulletin TB-2005
NOTE: All bands on this page have a 4mm snap stud.
Complete wrist strap kits include an alligator clip.
Listing #90P1
Listing #90P1
Listing #90P1
ELASTIC FIXED SIZE
WRISTBANDS
09025
Band Only, Small
09026
Band Only, Medium
09027
Band Only, Large
Drawing 09025
LIGHTWEIGHT ELASTIC
ADJUSTABLE WRIST STRAPS
14810
Band with 6' Coil Cord
14830
Band with 10' Coil Cord
14840
Band Only
• Durable, lightweight fabric
Some users prefer the softness, comfort and flexibility of
this material
• Has silver impregnated nylon knitted on inside for
superior conductivity
Reliably removes generated static charges
• Adjustable
Only one item to stock; may be fitted to almost all people
• Unique patented (US Patent 4,662,695) adjustment
design eliminates exposed conductive “tail” of band
Provides added safety, eliminating chance of providing
inappropriate ground path
• Made in America
Circumference - 2.5" - 14"
Drawings 14810 and 14010, Technical Bulletin TB-2005
HOOK & LOOP WRIST STRAPS
09060
Band Only
09078
Band with 6' Coil Cord
• Non reactive, anti-microbial, anti-bacterial medical
grade conductive strip
Reduces growth of mold, mildew, and fungus; the best
choice for users with ultra sensitive skin
• Return loop, quick, easy adjustment mechanism
One size fits all; only one item to purchase and stock
• Sewn inner conductive surface with no exposed
conductive materials on exterior
Provides added safety eliminating chance of providing
inappropriate ground path
• Molded plastic cover
Provides stable base for cord attachment
• Made in America
Drawings 09060 and 09480, Technical Bulletin TB-2005
09070
14810
09078



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com