Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

09087. Datasheet(PDF) 3 Page - DESCO INDUSTRIES INC

Part # 09087.
Description  WRIST STRAPS & COIL CORDS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DESCO [DESCO INDUSTRIES INC]
Direct Link  https://desco.descoindustries.com/
Logo DESCO - DESCO INDUSTRIES INC

09087. Datasheet(HTML) 3 Page - DESCO INDUSTRIES INC

  09087. Datasheet HTML 1Page - DESCO INDUSTRIES INC 09087. Datasheet HTML 2Page - DESCO INDUSTRIES INC 09087. Datasheet HTML 3Page - DESCO INDUSTRIES INC 09087. Datasheet HTML 4Page - DESCO INDUSTRIES INC 09087. Datasheet HTML 5Page - DESCO INDUSTRIES INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Web Site: www.desco.com • Phone: (909) 627-8178 • Fax: (909) 627-7449
7
WRIST STRAPS & COIL CORDS
See our products being
Made in America
on our web site:
www.desco.com/factory
ELASTIC ADJUSTABLE
DUAL-WIRE WRIST STRAPS
19691 Wristband, 4mm male snaps
19690 Wristband, 4mm male snaps, with 6' Snap-One Coil Cord,
4mm female snaps, right angle mono plug
19851 Wristband, 4mm male snaps, with 12' Snap-One Coil Cord,
4mm female snaps, right angle mono plug
19861 Wristband, 7mm female snaps
19860 Wristband, 7mm female snaps, with 6’ Dual-snap Coil Cord,
7mm male snaps, right angle mono plug
• Use patented (6,052,053 and 6,205,408) Dual Wire Wrist Strap with Desco Dual
Wire Continuous Monitor
Dual Wire Wrist Strap provides redundancy; even if one dual wire wrist strap
conductor is severed, operator has reliable path-to-ground with other wire
• Comfortable adjustable wrist band
Made of silver suffused monofilament conductive interior
• 4mm snaps are machined to precision profile from 300 series stainless steel
for a consistent and reliable connection.
• 7mm snaps are stamped
Drawing 19691
PREMIUM METAL EXPANSION
DUAL-WIRE WRIST STRAPS
19844
Wristband Only, 4mm male snaps, small
19842
Wristband Only, 4mm male snaps, medium
19840
Wristband Only, 4mm male snaps, large
19854
Wristband Only, 7mm female snaps, small
19855
Wristband Only, 7mm female snaps, medium
19856
Wristband Only, 7mm female snaps, large
19859
Wristband, 4mm male snaps, small, with Snap-One 6' Coil Cord,
4mm female snaps, right angle mono plug
19858
Wristband, 4mm male snaps, medium, with Snap-One 6' Coil
Cord, 4mm female snaps, right angle mono plug
19857
Wristband, 4mm male snaps, large, with Snap-One 6' Coil Cord,
4mm female snaps, right angle mono plug
• Use patented (6,052,053 and 6,205,408) Dual Wire Wrist Strap with Desco Dual
Wire Continuous Monitor
Dual Wire Wrist Strap provides redundancy; even if one dual wire wrist strap conductor
is severed, operator has reliable path-to-ground with other wire
• 300 series stainless steel backplate (0.015" thick)
Manufacturing date code is stamped into stainless steel back plate
• Premium metal expansion wristband
Inside links are constructed of 300 Series Stainless Steel. Width of links is 0.630"
Drawings 19840, 19854
VINYL DISPOSABLE WRIST STRAPS
14401
Disposable Wrist Strap
• Designed for one time use
Perfect for guests, field service calls, or to be shipped with ESD
sensitive products
• Packaged individually in a printed bag with instructions
Ready to pack with your ESD sensitive products ensuring that when
opened, the information and means are provided to continue
protecting your ESD sensitive product
• Made in America
Note: 35.5" long, mini alligator clip included
Drawing 14401
For detailed information on
all Desco wrist straps
and coil cords:
www.desco.com/catalog
19690
19855
19858
14401



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com