Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADID-R-0016-T Datasheet(PDF) 1 Page - Abracon Corporation

Part # ADID-R-0016-T
Description  Mini LTCC RF Diplexer for Bluetooth, Wi-Fi, UWB
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ADID-R-0016-T Datasheet(HTML) 1 Page - Abracon Corporation

  ADID-R-0016-T Datasheet HTML 1Page - Abracon Corporation ADID-R-0016-T Datasheet HTML 2Page - Abracon Corporation ADID-R-0016-T Datasheet HTML 3Page - Abracon Corporation ADID-R-0016-T Datasheet HTML 4Page - Abracon Corporation ADID-R-0016-T Datasheet HTML 5Page - Abracon Corporation ADID-R-0016-T Datasheet HTML 6Page - Abracon Corporation ADID-R-0016-T Datasheet HTML 7Page - Abracon Corporation ADID-R-0016-T Datasheet HTML 8Page - Abracon Corporation ADID-R-0016-T Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 01-15-25
For terms and conditions of sales, please visit:
www.abracon.com
Mini LTCC RF Diplexer for Bluetooth, Wi-Fi, UWB
ADID-R-0016
1.6 x 0.8 x 0.6 mm
RoHS Compliant
Request Samples
Check Inventory
Product Image
• Supporting 2400~2500 / 6200~8200 MHz Simultaneously
• Small Form Factor 1.6 x 0.8 x 0.6 mm
• Low Insertion Loss 1.0 dB
• High Isolation Between Bands
• Temperature Stability Across Wide Temperature Bands
• High-Power Handling up to 3W
• RoHS Compliant
• Ultra-Wide Band (UWB) Modules
• AR/VR Headsets
• Indoor Positioning
• Real-Time Location Systems (RTLS)
• Ultra-Wide Band Communications
• UWB Radar
• Secure Authentication
Applications
Features


Similar Part No. - ADID-R-0016-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADID-R-0016-Q ABRACON-ADID-R-0016-Q Datasheet
816Kb / 10P
AEC-Q200 RF Diplexer for Bluetooth, Wi-Fi, UWB
01-15-25
ADID-R-0016-Q-EVB ABRACON-ADID-R-0016-Q-EVB Datasheet
816Kb / 10P
AEC-Q200 RF Diplexer for Bluetooth, Wi-Fi, UWB
01-15-25
ADID-R-0016-Q-T ABRACON-ADID-R-0016-Q-T Datasheet
816Kb / 10P
AEC-Q200 RF Diplexer for Bluetooth, Wi-Fi, UWB
01-15-25
More results

Similar Description - ADID-R-0016-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
World Produts Inc.
WPANT10001 WPI-WPANT10001 Datasheet
179Kb / 3P
Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
WPANT10038 WPI-WPANT10038 Datasheet
52Kb / 1P
Bluetooth / Wi-Fi Flex Antenna
logo
Murata Manufacturing Co...
1DX MURATA-1DX Datasheet
111Kb / 3P
2.4GHz Wi-Fi Bluetooth 4.1 EDR Module
logo
TDK Electronics
ANT1085-4R1-01A-ES4.5 TDK-ANT1085-4R1-01A-ES4.5 Datasheet
91Kb / 4P
LTCC CHIP ANTENNA FOR UWB
logo
List of Unclassifed Man...
SR4W035 ETC1-SR4W035 Datasheet
1Mb / 17P
Antenna for 2.4GHz applications Bluetooth, Wi-Fi, ZigBee, ISM.
logo
Kyocera Kinseki Corpota...
A1001312 KSS-A1001312 Datasheet
1Mb / 9P
Automotive Wi Wi-Fi /BT / ZigbeeZigbeeor UWB Ceramic Antenna
Rev 0
logo
AVX Corporation
1001312 AVX-1001312 Datasheet
1Mb / 9P
Wi -Fi/BT/Zigbee Zigbee or UWB Ceramic Antenna
8/4/2022 Rev. 1
A1001312 AVX-A1001312 Datasheet
1Mb / 9P
Automotive Wi-Fi / BT / Zigbee or UWB Ceramic Antenna
8/5/2022
logo
List of Unclassifed Man...
V200Z-R ETC-V200Z-R Datasheet
4Mb / 22P
AIOT Wi-Fi/Bluetooth Combo Module
Version: v1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com