Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADID-R-0016-T Datasheet(PDF) 2 Page - Abracon Corporation

Part # ADID-R-0016-T
Description  Mini LTCC RF Diplexer for Bluetooth, Wi-Fi, UWB
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ADID-R-0016-T Datasheet(HTML) 2 Page - Abracon Corporation

  ADID-R-0016-T Datasheet HTML 1Page - Abracon Corporation ADID-R-0016-T Datasheet HTML 2Page - Abracon Corporation ADID-R-0016-T Datasheet HTML 3Page - Abracon Corporation ADID-R-0016-T Datasheet HTML 4Page - Abracon Corporation ADID-R-0016-T Datasheet HTML 5Page - Abracon Corporation ADID-R-0016-T Datasheet HTML 6Page - Abracon Corporation ADID-R-0016-T Datasheet HTML 7Page - Abracon Corporation ADID-R-0016-T Datasheet HTML 8Page - Abracon Corporation ADID-R-0016-T Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 01-15-25
For terms and conditions of sales, please visit:
www.abracon.com
Mini LTCC RF Diplexer for Bluetooth, Wi-Fi, UWB
ADID-R-0016
1.6 x 0.8 x 0.6 mm
RoHS Compliant
Request Samples
Check Inventory
Parameters
Specification
Units
Notes
Passband
2400-2500
6200-8200
(UWB channels 5-9)
MHz
Insertion Loss
0.7
1.0
dB
@25ºC
1.0
1.3
@-40ºC ~ +85ºC
VSWR
< 2.0
-
Attenuation (min.)
20
-
dB
4800 ~ 5000 MHz
20
-
6200 ~ 8500 MHz
-
25
2400 ~ 2500 MHz
-
22
12400 ~ 16400 MHz
Group Delay
ns
Group Delay Ripple
ns
Isolation (min.)
25
dB
2400 ~ 2500 MHz
22
6200 ~ 8500 MHz
Power Capacity
2.0
W
-
Parameters
Specifications
Filter Dimension
1.6 x 0.8 x 0.6 mm
Mounting Type
Surface Mount
Parameters
Specifications
Operating Temperature
-40ºC ~ +105ºC
Storage Temperature
-10ºC ~ +40ºC (70% R.H. max)
Humidity
90% - 95% R.H.
Electrical Specifications
Environmental Specifications
Mechanical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com