Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T82 Datasheet(PDF) 51 Page - STMicroelectronics

Part # M41T82
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button M41T82 Datasheet HTML 47Page - STMicroelectronics M41T82 Datasheet HTML 48Page - STMicroelectronics M41T82 Datasheet HTML 49Page - STMicroelectronics M41T82 Datasheet HTML 50Page - STMicroelectronics M41T82 Datasheet HTML 51Page - STMicroelectronics M41T82 Datasheet HTML 52Page - STMicroelectronics M41T82 Datasheet HTML 53Page - STMicroelectronics M41T82 Datasheet HTML 54Page - STMicroelectronics M41T82 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
DocID012578 Rev 19
51/64
M41T82, M41T83
DC and AC parameters
5
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the dc and
ac characteristics of the device. The parameters in the following DC and AC Characteristic
tables are derived from tests performed under the measurement conditions listed in the
relevant tables. Designers should check that the operating conditions in their projects match
the measurement conditions when using the quoted parameters.
Figure 26. Measurement AC I/O waveform
Table 19. Operating and AC measurement conditions
Parameter(1)
1. Output Hi-Z is defined as the point where data is no longer driven.
M41T8x
Supply voltage (VCC)
2.38 V to 5.5 V
Ambient operating temperature (TA)
–40 to 85 °C
Load capacitance (CL)
50 pF
Input rise and fall times
≤ 5 ns
Input pulse voltages
0.2 VCC to 0.8 VCC
Input and output timing ref. voltages
0.3 VCC to 0.7 VCC
Table 20. Capacitance
Symbol
Parameter(1)(2)
1. Effective capacitance measured with power supply at 3.6 V; sampled only, not 100% tested.
2. At 25 °C, f = 1 MHz
Min
Max
Unit
CIN
Input capacitance
7
pF
COUT
(3)
3. Outputs deselected
Output capacitance
10
pF
tLP
Low-pass filter input time constant (SDA and SCL)
50
ns
AI02568
0.8VCC
0.2VCC
0.7VCC
0.3VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com