Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T82 Datasheet(PDF) 55 Page - STMicroelectronics

Part # M41T82
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button M41T82 Datasheet HTML 51Page - STMicroelectronics M41T82 Datasheet HTML 52Page - STMicroelectronics M41T82 Datasheet HTML 53Page - STMicroelectronics M41T82 Datasheet HTML 54Page - STMicroelectronics M41T82 Datasheet HTML 55Page - STMicroelectronics M41T82 Datasheet HTML 56Page - STMicroelectronics M41T82 Datasheet HTML 57Page - STMicroelectronics M41T82 Datasheet HTML 58Page - STMicroelectronics M41T82 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
DocID012578 Rev 19
55/64
M41T82, M41T83
DC and AC parameters
Figure 29. Bus timing requirement sequence
Table 25. AC characteristics
Sym
Parameter(1)
1. Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 2.38 to 5.5 V (except where noted).
Min
Typ
Max
Units
fSCL
SCL clock frequency
0
400
kHz
tLOW
Clock low period
1.3
µs
tHIGH
Clock high period
600
ns
tR
SDA and SCL rise time
300
ns
tF
SDA and SCL fall time
300
ns
tHD:STA
START condition hold time
(after this period the first clock pulse is generated)
600
ns
tSU:STA
START condition setup time
(only relevant for a repeated start condition)
600
ns
tSU:DAT
(2)
2. Transmitter must internally provide a hold time to bridge the undefined region (300 ns max) of the falling
edge of SCL.
Data setup time
100
ns
tHD:DAT
Data hold time
0
µs
tSU:STO
STOP condition setup time
600
ns
tBUF
Time the bus must be free before a new transmission
can start
1.3
µs
AI00589
SDA
P
tSU:STO
tSU:STA
tHD:STA
SR
SCL
tSU:DAT
tF
tHD:DAT
tR
tHIGH
tLOW
tHD:STA
tBUF
S
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com