Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41TC8025 Datasheet(PDF) 26 Page - STMicroelectronics

Part # M41TC8025
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M41TC8025 Datasheet HTML 22Page - STMicroelectronics M41TC8025 Datasheet HTML 23Page - STMicroelectronics M41TC8025 Datasheet HTML 24Page - STMicroelectronics M41TC8025 Datasheet HTML 25Page - STMicroelectronics M41TC8025 Datasheet HTML 26Page - STMicroelectronics M41TC8025 Datasheet HTML 27Page - STMicroelectronics M41TC8025 Datasheet HTML 28Page - STMicroelectronics M41TC8025 Datasheet HTML 29Page - STMicroelectronics M41TC8025 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
Operation
M41TC8025
26/41
DocID022873 Rev 4
is that in register 03h, only one bit should be set since that bit represents one day in a week
in the calendar while in register 0Ah, multiple bits can be set to represent the alarm for more
than one day in a week.
In the alarm date register in 0Ah, possible values are given in BCD format of "00", "01", "02",
and up to "31".
The AF bit in register 0Eh is the alarm flag. Once the alarm event occurs, the AF bit is set to
1. Once AF=1, it will not be auto-cleared and relies on the user to reset to 0. Resetting the
AF bit to 0 will release the IRQ pin from low to Hi-Z immediately.
The AIE bit in register 0Fh is the alarm enable bit. If the alarm is enabled (AIE=1) and there
is an alarm event, the IRQ pin will be pulled low. If the alarm is disabled (AIE=0), even if
there is an alarm event, the IRQ pin will remain Hi-Z. Setting the AIE bit to 0 while the IRQ
pin is low will immediately release the IRQ pin from low to Hi-Z.
Since RESET=1 will stop the clock chain below 4,096 Hz, the alarm interrupt will be
stopped.
2.8.2
Alarm interrupt example
Table 20 below gives the example of the alarm settings when "Day-of-week" has been
selected (WADA=0).
Note:
1
x means don't care.
2
If all the AM_M, AM_H and AM_D bits in register 08h, 09h and 0Ah are set to 1, that means
all the day-of-week, hours and minutes registers do not compare and the alarm will be
generated every minute.
Table 21 gives the example of the alarm settings when "Date (day of month)" has been
specified (WADA=1).
Table 20. Day-of-week alarm settings
Register 0Ah
Reg.
09h
Reg.
08h
Alarm description
Day-of-week alarm
Hour
alarm
Minute
alarm
Bit 7
AM_D
Bit 6
S
Bit 5
F
Bit 4
T
Bit 3
W
Bit 2
T
Bit 1
M
Bit 0
S
Day-of-
week
is selected
(WADA=0)
0
0
1
1
1110
08h
80h~
FFh
Monday through Friday
at 8:00 am
0
1
0
0
0001
80h~
FFh
38h
Every Saturday and
Sunday at 38 minutes
each hour. Hour value is
not compared.
0
1
1
1
1111
18h
18h
Every day at 6:18 pm
1
xxx
x
x
x
x
1
xxx
x
x
x
x
80h~
FFh
80h~
FFh
Alarm at every minute
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com