Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41TC8025 Datasheet(PDF) 28 Page - STMicroelectronics

Part # M41TC8025
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M41TC8025 Datasheet HTML 24Page - STMicroelectronics M41TC8025 Datasheet HTML 25Page - STMicroelectronics M41TC8025 Datasheet HTML 26Page - STMicroelectronics M41TC8025 Datasheet HTML 27Page - STMicroelectronics M41TC8025 Datasheet HTML 28Page - STMicroelectronics M41TC8025 Datasheet HTML 29Page - STMicroelectronics M41TC8025 Datasheet HTML 30Page - STMicroelectronics M41TC8025 Datasheet HTML 31Page - STMicroelectronics M41TC8025 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Operation
M41TC8025
28/41
DocID022873 Rev 4
Figure 17. Alarm interrupt timing sequence
1. The alarm condition of alarm hours, minutes, date or day is set in advance along with the WADA bit. The alarm event only
happens when the current clock and calendar counts to match the alarm condition. Even if the current date/time is set as
the alarm condition, the alarm will not occur until the counter counts up to the current date/time (i.e., an alarm will occur the
next time, not immediately).
2. When an alarm event occurs, the AF bit is set to 1.
3. When the AF=1, it remains until it is reset to 0 by the user.
4. If AIE=1 when an alarm event occurs, the IRQ pin output is driven low and the status is then held until it is released to Hi-Z
by the AF bit reset to 0 or the AIE bit set to 0.
5. If the AIE is set to 0 while the IRQ pin is low, the IRQ pin is released to Hi-Z immediately.
6. If the AF bit is reset to 0 while the IRQ pin is low, the IRQ pin is released to Hi-Z immediately.
7. If AIE=0 when an alarm event occurs, the IRQ pin status remains Hi-Z.
2.9
Relationship between the three interrupts
The IRQ pin is a shared output pin for the above three types of interrupts. It outputs the logic
OR'ed result of these interrupts.
When an interrupt has occurred and the IRQ pin is pulled low, the status of the UF, TF and
AF flags will indicate which interrupt(s) has(have) occurred.
If the user sets RESET to 1 when IRQ is low, the IRQ pin releases to Hi-Z immediately.
2.10
Low-voltage detection
The M41TC8025 has two register bits in 0Eh to indicate the voltage low levels as highlighted
in Table 22.
Table 22. Battery voltage low related register bits
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OEh
Flag register
0
0
UF
TF
AF
0
VLF
VDET
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com