Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T128Y Datasheet(PDF) 6 Page - STMicroelectronics

Part # M48T128Y
Description  5.0 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T128Y Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M48T128Y Datasheet HTML 2Page - STMicroelectronics M48T128Y Datasheet HTML 3Page - STMicroelectronics M48T128Y Datasheet HTML 4Page - STMicroelectronics M48T128Y Datasheet HTML 5Page - STMicroelectronics M48T128Y Datasheet HTML 6Page - STMicroelectronics M48T128Y Datasheet HTML 7Page - STMicroelectronics M48T128Y Datasheet HTML 8Page - STMicroelectronics M48T128Y Datasheet HTML 9Page - STMicroelectronics M48T128Y Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Description
M48T128Y
6/23
Doc ID 5746 Rev 7
Figure 2.
DIP connections
Figure 3.
Block diagram
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
A15
A11
G
E
DQ5
DQ1
DQ2
DQ3
VSS
DQ4
DQ6
A16
NC
VCC
AI02245
M48T128Y
10
1
2
5
6
7
8
9
11
12
13
14
15
16
30
29
26
25
24
23
22
21
20
19
18
17
A12
A14
W
NC
3
4
28
27
32
31
AI01804
LITHIUM
CELL
OSCILLATOR AND
CLOCK CHAIN
VPFD
VCC
VSS
32,768 Hz
CRYSTAL
VOLTAGE SENSE
AND
SWITCHING
CIRCUITRY
8 x 8
TIMEKEEPER
REGISTERS
131,064 x 8
SRAM ARRAY
A0-A16
DQ0-DQ7
E
W
G
POWER
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com