Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T128Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T128Y
Description  5.0 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T128Y Datasheet(HTML) 1 Page - STMicroelectronics

  M48T128Y Datasheet HTML 1Page - STMicroelectronics M48T128Y Datasheet HTML 2Page - STMicroelectronics M48T128Y Datasheet HTML 3Page - STMicroelectronics M48T128Y Datasheet HTML 4Page - STMicroelectronics M48T128Y Datasheet HTML 5Page - STMicroelectronics M48T128Y Datasheet HTML 6Page - STMicroelectronics M48T128Y Datasheet HTML 7Page - STMicroelectronics M48T128Y Datasheet HTML 8Page - STMicroelectronics M48T128Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Not recommended for new design
This is information on a product still in production but not recommended for new designs.
September 2011
Doc ID 5746 Rev 7
1/23
1
M48T128Y
5.0 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM
Features
■ Integrated, ultra low power SRAM, real-time
clock, power-fail control circuit, battery, and
crystal
■ BCD coded year, month, day, date, hours,
minutes, and seconds
■ Automatic power-fail chip deselect and WRITE
protection
■ WRITE protect voltage
VCC = 4.5 to 5.5 V; 4.1 V ≤ VPFD ≤ 4.5 V
(VPFD = power-fail deselect voltage)
■ Conventional SRAM operation; unlimited
WRITE cycles
■ Software-controlled clock calibration for high
accuracy applications
■ 10 years of data retention and clock operation
in the absence of power
■ Self-contained battery and crystal in the DIP
package
■ Pin and function compatible with JEDEC
standard 128 K x 8 SRAMs
■ RoHS compliant
– Lead-free second level interconnect
32
1
PMDIP32 module
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - M48T128Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
364Kb / 23P
5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM
18-Jun-2010
M48T128Y-70PM1 STMICROELECTRONICS-M48T128Y-70PM1 Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
M48T128Y-70PM1 STMICROELECTRONICS-M48T128Y-70PM1 Datasheet
364Kb / 23P
5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM
18-Jun-2010
M48T128Y-70PM1TR STMICROELECTRONICS-M48T128Y-70PM1TR Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
More results

Similar Description - M48T128Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T58Y STMICROELECTRONICS-M48T58Y Datasheet
183Kb / 27P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
20-May-2002
logo
Hanbit Electronics Co.,...
HMNR1288D HANBIT-HMNR1288D Datasheet
315Kb / 14P
5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
logo
STMicroelectronics
M48T58 STMICROELECTRONICS-M48T58_07 Datasheet
259Kb / 31P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
30-Aug-2007
M48T129Y STMICROELECTRONICS-M48T129Y_05 Datasheet
481Kb / 30P
5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
Feb-2005
M48Z129Y STMICROELECTRONICS-M48Z129Y_05 Datasheet
302Kb / 16P
5.0V OR 3.3V, 1 Mbit (128 Kb x 8) ZEROPOWER SRAM
Mar-2005
M48T129Y STMICROELECTRONICS-M48T129Y_10 Datasheet
445Kb / 28P
5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
09-Jun-2010
M48T128Y STMICROELECTRONICS-M48T128Y_10 Datasheet
364Kb / 23P
5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM
18-Jun-2010
M48Z128 STMICROELECTRONICS-M48Z128_10 Datasheet
339Kb / 20P
5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER® SRAM
20-Jul-2010
M48Z129Y STMICROELECTRONICS-M48Z129Y_10 Datasheet
324Kb / 20P
5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER® SRAM
23-Jun-2010
logo
DLG Hanbit co.,Ltd.
HMNR1288D DLGHANBIT-HMNR1288D Datasheet
727Kb / 11P
5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com