Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS2L40AFN Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2L40AFN
Description  40 V, 2 A low drop power Schottky rectifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L40AFN Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2L40AFN Datasheet HTML 1Page - STMicroelectronics STPS2L40AFN Datasheet HTML 2Page - STMicroelectronics STPS2L40AFN Datasheet HTML 3Page - STMicroelectronics STPS2L40AFN Datasheet HTML 4Page - STMicroelectronics STPS2L40AFN Datasheet HTML 5Page - STMicroelectronics STPS2L40AFN Datasheet HTML 6Page - STMicroelectronics STPS2L40AFN Datasheet HTML 7Page - STMicroelectronics STPS2L40AFN Datasheet HTML 8Page - STMicroelectronics STPS2L40AFN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Features
Very small conduction losses
Negligible switching losses
Low forward voltage drop
Surface mount miniature package
Avalanche rated
ECOPACK2 component
Applications
Telecom power supply
Set-top box power supply
TV power supply
Battery charger
Description
Single chip Schottky rectifiers designed for high frequency miniature switched mode
power supplies such as adaptors and on board DC/DC converters.
Packaged in SMB, SMA Flat, SMA Flat Notch and SMB Flat, the STPS2L40 is ideal
for surface mounting and used in low voltage, high frequency inverters, free wheeling
and polarity protection applications.
Product status
STPS2L40
Product summary
Symbol
Value
IF(AV)
2 A
VRRM
40 V
T j(max.)
150 °C
VF(typ.)
0.31 V
40 V, 2 A low drop power Schottky rectifier
STPS2L40
Datasheet
DS2146 - Rev 6 - September 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS2L40AFN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2L40AF STMICROELECTRONICS-STPS2L40AF Datasheet
143Kb / 10P
Low drop power Schottky rectifier
18-Sep-2008
More results

Similar Description - STPS2L40AFN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4020ETP NXP-PMEG4020ETP Datasheet
160Kb / 14P
40 V, 2 A low VF MEGA Schottky barrier rectifier
Rev. 1-5 October 2011
PMEG4020EPAS PHILIPS-PMEG4020EPAS_15 Datasheet
227Kb / 15P
40 V, 2 A low VF MEGA Schottky barrier rectifier
19 January 2015
PMEG4020EPK PHILIPS-PMEG4020EPK_15 Datasheet
212Kb / 15P
40 V, 2 A low VF MEGA Schottky barrier rectifier
11 February 2014
logo
Nexperia B.V. All right...
PMEG4020EPAS NEXPERIA-PMEG4020EPAS Datasheet
710Kb / 15P
40 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG4020EPK NEXPERIA-PMEG4020EPK Datasheet
703Kb / 15P
40 V, 2 A low VF MEGA Schottky barrier rectifier
logo
STMicroelectronics
STPS80H100C-Y STMICROELECTRONICS-STPS80H100C-Y Datasheet
202Kb / 9P
Automotive 100 V, dual 40 A low voltage drop power Schottky rectifier
23-Aug-2021
logo
Nexperia B.V. All right...
PMEG4020EP-Q NEXPERIA-PMEG4020EP-Q Datasheet
257Kb / 12P
40 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG4020ER-Q NEXPERIA-PMEG4020ER-Q Datasheet
262Kb / 13P
40 V, 2 A low VF Schottky barrier rectifier
16 November 2022
PMEG4020EP NEXPERIA-PMEG4020EP Datasheet
257Kb / 12P
40 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG4020ER NEXPERIA-PMEG4020ER Datasheet
284Kb / 13P
40 V, 2 A low VF Schottky barrier rectifier
1 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com