Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3871 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3871
Description  LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3871 Datasheet(HTML) 1 Page - Texas Instruments

  LP3871 Datasheet HTML 1Page - Texas Instruments LP3871 Datasheet HTML 2Page - Texas Instruments LP3871 Datasheet HTML 3Page - Texas Instruments LP3871 Datasheet HTML 4Page - Texas Instruments LP3871 Datasheet HTML 5Page - Texas Instruments LP3871 Datasheet HTML 6Page - Texas Instruments LP3871 Datasheet HTML 7Page - Texas Instruments LP3871 Datasheet HTML 8Page - Texas Instruments LP3871 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP3871, LP3874
SNVS225H – FEBRUARY 2003 – REVISED JUNE 2015
LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
1 Features
3 Description
The LP3871 and LP3874 series of fast ultra-low-
1
•
Input Voltage: 2.5 V to 7 V
dropout linear regulators operate from a 2.5-V to 7-V
•
Ultra-Low-Dropout Voltage
input supply. Wide range of preset output voltage
•
Low Ground Pin Current
options are available. These ultra-low-dropout linear
regulators respond very quickly to step changes in
•
Load Regulation of 0.04%
load, which makes them suitable for low voltage
•
10-nA Quiescent Current in Shutdown Mode
microprocessor
applications.
The
devices
are
•
Specified Output Current of 0.8-A DC
developed on a CMOS process which allows low
quiescent current operation independent of output
•
Output Voltage Accuracy ±1.5%
load current. This CMOS process also allows the
•
ERROR Flag Indicates Output Status
LP3871 and LP3874 to operate under extremely low
•
SENSE Option Improves Load Regulation
dropout conditions.
•
Minimum Output Capacitor Requirements
Dropout Voltage: Ultra-low-dropout voltage; typically
•
Overtemperature/Overcurrent Protection
24 mV at 80-mA load current and 240 mV at 0.8-A
•
−40°C to +125°C Junction Temperature Range
load current.
Ground Pin Current: Typically 6 mA at 0.8-A load
2 Applications
current.
•
Microprocessor Power Supplies
Shutdown Mode: Typically 10-nA quiescent current
•
GTL, GTL+, BTL, and SSTL Bus Terminators
when the SD pin is pulled low.
•
Power Supplies for DSPs
ERROR Flag: ERROR flag goes low when the output
•
SCSI Terminator
voltage drops 10% below nominal value.
•
Post Regulators
SENSE: SENSE pin improves regulation at remote
•
High-Efficiency Linear Regulators
loads.
•
Battery Chargers
Precision Output Voltage: Multiple output voltage
•
Other Battery-Powered Applications
options are available ranging from 1.8 V to 5 V with a
ensured accuracy of ±1.5% at room temperature, and
±3% over all conditions (varying line, load, and
temperature).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-223 (5)
6.50 mm x 3.56 mm
LP3871
LP3874
DDPAK/ TO-263 (5)
10.16 mm x 8.42 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Applications
*SD must be pulled high through a 10-k
Ω
pullup resistor. See Application and
*SD and ERROR pins must be pulled high
Implementation for more information.
through a 10-k
Ω pullup resistor. Connect
the ERROR pin to ground if this function is
not used. See Application and
Implementation for more information.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP3871

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3871 NSC-LP3871 Datasheet
360Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3871 NSC-LP3871 Datasheet
752Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3871EMP-1.8 NSC-LP3871EMP-1.8 Datasheet
360Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3871EMP-1.8 NSC-LP3871EMP-1.8 Datasheet
752Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3871

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
800mA Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3962EP NSC-LP3962EP Datasheet
897Kb / 20P
1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3852 TI-LP3852_15 Datasheet
2Mb / 32P
1.5-A Fast Response Ultra-Low Dropout Linear Regulators
LP3871 TI-LP3871_15 Datasheet
1Mb / 26P
LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
LP3872 TI-LP3872_15 Datasheet
2Mb / 28P
LP387x 1.5-A Fast Ultra-Low-Dropout Linear Regulators
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
3A Fast Ultra Low Dropout Linear Regulators
LP3872 TI1-LP3872_16 Datasheet
2Mb / 28P
1.5-A Fast Ultra-Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com