Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3871 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP3871
Description  LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3871 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3871 Datasheet HTML 7Page - Texas Instruments LP3871 Datasheet HTML 8Page - Texas Instruments LP3871 Datasheet HTML 9Page - Texas Instruments LP3871 Datasheet HTML 10Page - Texas Instruments LP3871 Datasheet HTML 11Page - Texas Instruments LP3871 Datasheet HTML 12Page - Texas Instruments LP3871 Datasheet HTML 13Page - Texas Instruments LP3871 Datasheet HTML 14Page - Texas Instruments LP3871 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LP3871, LP3874
www.ti.com
SNVS225H – FEBRUARY 2003 – REVISED JUNE 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers must
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP3871 and LP3874 devices are linear regulators designed to provide high load current of up to 0.8 A, low
dropout voltage, and low quiescent current in shutdown mode.
8.1.1 Reverse Current Path
The internal MOSFET in LP3871 and LP3874 has an inherent parasitic diode. During normal operation, the input
voltage is higher than the output voltage and the parasitic diode is reverse biased. However, if the output is
pulled above the input in an application, then current flows from the output to the input as the parasitic diode gets
forward biased. The output can be pulled above the input as long as the current in the parasitic diode is limited to
200-mA continuous and 1-A peak.
8.1.2 Turnon Characteristics for Output Voltages Programmed To 2 V or Below
As VIN increases during start-up, the regulator output will track the input until VIN reaches the minimum operating
voltage (typically about 2.5 V). For output voltages programmed to 2 V or below, the regulator output may
momentarily exceed its programmed output voltage during start-up. Outputs programmed to voltages above 2 V
are not affected by this behavior.
8.2 Typical Applications
*SD and ERROR pins must be pulled high through a 10-k
Ω pullup resistor. Connect the ERROR pin to ground if this
function is not used.
Figure 11. LP3871 Typical Application
*SD must be pulled high through a 10-k
Ω pullup resistor.
Figure 12. LP3874 Typical Application
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3871 LP3874



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com